Electronic Components Datasheet Search
  English  ▼

X  

LMK04828SNKDREP Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828SNKDREP
Description  LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04828SNKDREP Datasheet(HTML) 46 Page - Texas Instruments

Back Button LMK04828SNKDREP Datasheet HTML 42Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 43Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 44Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 45Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 46Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 47Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 48Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 49Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
46
LMK04828-EP
SNAS703 – APRIL 2017
www.ti.com
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.7.2.5 DCLKoutX_HS, SDCLKoutY_MUX, SDCLKoutY_DDLY, SDCLKoutY_HS
These registers set the half step for the device clock, the SYSREF output MUX, the SYSREF clock digital delay,
and half step.
Table 21. Registers 0x104, 0x10C, 0x114, 0x11C, 0x124, 0x12C, 0x134
BIT
NAME
POR
DEFAULT
DESCRIPTION
7
NA
0
Reserved
6
DCLKoutX_HS
0
Sets the device clock half step value. Half step must be zero (0) for a divide of 1.
0: 0 cycles
1: -0.5 cycles
5
SDCLKoutY_MUX
0
Sets the input the the SDCLKoutY outputs.
0: Device clock output
1: SYSREF output
4:1
SDCLKoutY_DDLY
0
Sets the number of VCO cycles to delay the SDCLKoutY by when SYSREF output is
selected by SDCLKoutY_MUX.
Field Value
Delay Cycles
0 (0x00)
Bypass
1 (0x01)
2
2 (0x02)
3
...
...
10 (0x0A)
11
11 to 15 (0x0B to 0x0F)
Reserved
0
SDCLKoutY_HS
0
Sets the SYSREF clock half step value.
0: 0 cycles
1: -0.5 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com