Electronic Components Datasheet Search
  English  ▼

X  

LMK04828SNKDREP Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828SNKDREP
Description  LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04828SNKDREP Datasheet(HTML) 84 Page - Texas Instruments

Back Button LMK04828SNKDREP Datasheet HTML 80Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 81Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 82Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 83Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 84Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 85Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 86Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 87Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
1e6 × PLLX_WND_SIZE × fPDX
PLLX_DLD_CNT
ppm =
84
LMK04828-EP
SNAS703 – APRIL 2017
www.ti.com
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
To assist customers in frequency planning and design of loop filters Texas Instrument's provides the Clock
Design Tool (www.ti.com/tool/clockdesigntool) and Clock Architect (www.ti.com/clockarchitect).
10.1.1 Digital Lock Detect Frequency Accuracy
The digital lock detect circuit is used to determine PLL1 locked, PLL2 locked, and holdover exit events. A window
size and lock count register are programmed to set a ppm frequency accuracy of reference to feedback signals
of the PLL for each event to occur. When a PLL digital lock event occurs the PLL's digital lock detect is asserted
true. When the holdover exit event occurs, the device exits holdover mode.
EVENT
PLL
WINDOW SIZE
LOCK COUNT
PLL1 Locked
PLL1
PLL1_WND_SIZE
PLL1_DLD_CNT
PLL2 Locked
PLL2
PLL2_WND_SIZE
PLL2_DLD_CNT
Holdover exit
PLL1
PLL1_WND_SIZE
HOLDOVER_DLD_CNT
For a digital lock detect event to occur there must be a lock count number of phase detector cycles of PLLX
during which the time/phase error of the PLLX_R reference and PLLX_N feedback signal edges are within the
user programmable window size. Because there must be at least lock count phase detector events before a lock
event occurs, a minimum digital lock event time can be calculated as lock count / fPDX where X = 1 for PLL1 or 2
for PLL2.
By using Equation 3, values for a lock count and window size can be chosen to set the frequency accuracy
required by the system in ppm before the digital lock detect event occurs:
(3)
The effect of the lock count value is that it shortens the effective lock window size by dividing the window size by
lock count.
If at any time the PLLX_R reference and PLLX_N feedback signals are outside the time window set by window
size, then the lock count value is reset to 0.
10.1.1.1 Minimum Lock Time Calculation Example
To calculate the minimum PLL2 digital lock time given a PLL2 phase detector frequency of 40 MHz and
PLL2_DLD_CNT = 10,000. Then the minimum lock time of PLL2 is 10,000 / 40 MHz = 250 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com