Electronic Components Datasheet Search
  English  ▼

X  

LMK04828SNKDREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828SNKDREP
Description  LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04828SNKDREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMK04828SNKDREP Datasheet HTML 12Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 13Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 14Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 15Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 16Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 17Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 18Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 19Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
VA
VB
GND
VOD = | VA - VB |
VSS = 2·VOD
VOD Definition
VSS Definition for Output
Non-Inverting Clock
Inverting Clock
VOD
2
·VOD
VA
VB
GND
VID = | VA - VB |
VSS = 2·VID
VID Definition
VSS Definition for Input
Non-Inverting Clock
Inverting Clock
VID
2
·VID
16
LMK04828-EP
SNAS703 – APRIL 2017
www.ti.com
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2 Differential Voltage Measurement Terminology
The differential voltage of a differential signal can be described by two different definitions, causing confusion
when reading data sheets or communicating with other engineers. This section addresses the measurement and
description of a differential signal so the reader can understand and distinguish between the two different
definitions when used.
The first definition used to describe a differential signal is the absolute value of the voltage potential between the
inverting and noninverting signal. The symbol for this first measurement is typically VID or VOD, depending on if
an input or output voltage is being described.
The second definition used to describe a differential signal is to measure the potential of the noninverting signal
with respect to the inverting signal. The symbol for this second measurement is VSS and is a calculated
parameter. This signal only exists in reference to its differential pair and does not exist in the IC with respect to
ground. VSS can be measured directly by oscilloscopes with floating references, otherwise this value can be
calculated as twice the value of VOD as described in the first description.
Figure 4 illustrates the two different definitions side-by-side for inputs and Figure 5 illustrates the two different
definitions side-by-side for outputs. The VID and VOD definitions show VA and VB DC levels that the non-inverting
and inverting signals toggle between with respect to ground. VSS input and output definitions show that if the
inverting signal is considered the voltage potential reference, the non-inverting signal voltage potential is now
increasing and decreasing above and below the noninverting reference. Thus, the peak-to-peak voltage of the
differential signal can be measured.
VID and VOD are often defined as volts (V) and VSS is often defined as volts peak-to-peak (VPP).
Figure 4. Two Different Definitions for
Differential Input Signals
Figure 5. Two Different Definitions for
Differential Output Signals
Refer to application note AN-912 Common Data Transmission Parameters and their Definitions for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com