Electronic Components Datasheet Search
  English  ▼

X  

LMK04828SNKDREP Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828SNKDREP
Description  LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04828SNKDREP Datasheet(HTML) 60 Page - Texas Instruments

Back Button LMK04828SNKDREP Datasheet HTML 56Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 57Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 58Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 59Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 60Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 61Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 62Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 63Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
60
LMK04828-EP
SNAS703 – APRIL 2017
www.ti.com
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.7.4.4 SDIO_RDBK_TYPE, CLKin_SEL1_MUX, CLKin_SEL1_TYPE
This register has CLKin_SEL1 controls and register readback SDIO pin type.
Table 40. Register 0x149
BIT
NAME
POR
DEFAULT
DESCRIPTION
7
NA
0
Reserved
6
SDIO_RDBK_TYPE
1
Sets the SDIO pin to open drain when during SPI readback in 3 wire mode.
0: Output, push-pull
1: Output, open drain.
5:3
CLKin_SEL1_MUX
0
This set the output value of the CLKin_SEL1 pin. This register only applies if
CLKin_SEL1_TYPE is set to an output mode.
Field Value
Output Format
0 (0x00)
Logic Low
1 (0x01)
CLKin1 LOS
2 (0x02)
CLKin1 Selected
3 (0x03)
DAC Locked
4 (0x04)
DAC Low
5 (0x05)
DAC High
6 (0x06)
SPI Readback
7 (0x07)
Reserved
2:0
CLKin_SEL1_TYPE
2
This sets the IO type of the CLKin_SEL1 pin.
Field Value
Configuration
Function
0 (0x00)
Input
Input mode, see Input Clock
Switching - Pin Select Mode for
description of input mode.
1 (0x01)
Input /w pull-up resistor
2 (0x02)
Input /w pull-down resistor
3 (0x03)
Output (push-pull)
Output modes; see the
CLKin_SEL1_MUX register for
description of outputs.
4 (0x04)
Output inverted (push-pull)
5 (0x05)
Reserved
6 (0x06)
Output (open drain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com