Electronic Components Datasheet Search
  English  ▼

X  

LMK04828SNKDREP Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828SNKDREP
Description  LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04828SNKDREP Datasheet(HTML) 68 Page - Texas Instruments

Back Button LMK04828SNKDREP Datasheet HTML 64Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 65Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 66Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 67Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 68Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 69Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 70Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 71Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
68
LMK04828-EP
SNAS703 – APRIL 2017
www.ti.com
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.7.7.5 PLL1_WND_SIZE, PLL1_CP_TRI, PLL1_CP_POL, PLL1_CP_GAIN
This register controls the PLL1 phase detector.
Table 56. Register 0x15B
BIT
NAME
POR
DEFAULT
DESCRIPTION
7:6
PLL1_WND_SIZE
3
PLL1_WND_SIZE sets the window size used for digital lock detect for PLL1. If the phase
error between the reference and feedback of PLL1 is less than specified time, then the
PLL1 lock counter increments.
Field Value
Definition
0 (0x00)
4 ns
1 (0x01)
9 ns
2 (0x02)
19 ns
3 (0x03)
43 ns
5
PLL1_CP_TRI
0
This bit allows for the PLL1 charge pump output pin, CPout1, to be placed into TRI-STATE.
0: PLL1 CPout1 is active
1: PLL1 CPout1 is at TRI-STATE
4
PLL1_CP_POL
1
PLL1_CP_POL sets the charge pump polarity for PLL1. Many VCXOs use positive slope.
A positive slope VCXO increases output frequency with increasing voltage. A negative
slope VCXO decreases output frequency with increasing voltage.
0: Negative Slope VCO/VCXO
1: Positive Slope VCO/VCXO
3:0
PLL1_CP_GAIN
4
This bit programs the PLL1 charge pump output current level.
Field Value
Gain
0 (0x00)
50 µA
1 (0x01)
150 µA
2 (0x02)
250 µA
3 (0x03)
350 µA
4 (0x04)
450 µA
...
...
14 (0x0E)
1450 µA
15 (0x0F)
1550 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com