Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 39Page - Cirrus Logic CS42L56 Datasheet HTML 40Page - Cirrus Logic CS42L56 Datasheet HTML 41Page - Cirrus Logic CS42L56 Datasheet HTML 42Page - Cirrus Logic CS42L56 Datasheet HTML 43Page - Cirrus Logic CS42L56 Datasheet HTML 44Page - Cirrus Logic CS42L56 Datasheet HTML 45Page - Cirrus Logic CS42L56 Datasheet HTML 46Page - Cirrus Logic CS42L56 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
DS851F2
43
CS42L56
4.5.3
Efficiency
As discussed in previous sections, the amplifiers internal to the CS42L56 operate from one of two sets of
rail voltages, based upon the needs of the signal being amplified or the total gain/attenuation settings. The
power curves for the two modes of operation are shown in Figure 27 and Figure 28.
This graph details the power supplied to a load versus the power drawn from the supply for each of the
three use cases.
Output Level
-10 dB
VCP
2
VCP
- VCP
- VCP
2
Amplifier Rail
Voltage
1 second
Time
Time
Figure 26. VHPFILT Hysteresis
Class H Amplifiers automatically
switch between ±VCP and ±VCP/2
to conserve power with typical
headphone loads.
Class AB Amplifiers do not
conserve power with typical
headphone loads.
±VCP/2
±VCP
Figure 27. Class H Power to Load vs. Power from VCP Supply - 32
All Supplies= 1.8 V
RL = 32 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com