Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 72Page - Cirrus Logic CS42L56 Datasheet HTML 73Page - Cirrus Logic CS42L56 Datasheet HTML 74Page - Cirrus Logic CS42L56 Datasheet HTML 75Page - Cirrus Logic CS42L56 Datasheet HTML 76Page - Cirrus Logic CS42L56 Datasheet HTML 77Page - Cirrus Logic CS42L56 Datasheet HTML 78Page - Cirrus Logic CS42L56 Datasheet HTML 79Page - Cirrus Logic CS42L56 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
76
DS851F2
CS42L56
6.26 Gain & Bias Control (Address 1Dh)
6.26.1 PGA x Preamplifier Gain
Configures the gain of the PGA x preamp.
6.26.2 Boostx
Configures a +20 dB digital boost on ADC channel x.
6.26.3 Microphone Bias Output Level
Configures the voltage level of the microphone bias output.
6.27 PGA x MUX, Volume: PGA A (Address 1Eh) & PGA B (Address 1Fh)
6.27.1 PGA x Input Select
Selects the specified analog input signal into PGA channel x.
Note:
For pseudo-differential inputs, the CODEC automatically chooses the respective pseudo-ground
(AIN1REF or AIN2REF) for each input selection.
Use the AINx_REF bits (Analog Input 1 x Reference Configuration and “Analog Input 1 x Reference Con-
figuration” on page 74) to properly configure the input channel.
76
543
21
0
PREAMPB1
PREAMPB0
PREAMPA1
PREAMPA0
BOOSTB
BOOSTA
BIAS_LVL1
BIAS_LVL0
PREAMPx[1:0]
PGA x Preamp Gain
00
0dB
01
+10 dB
10
+20 dB
11
Reserved
BOOSTx
+20 dB Boost
0
No boost applied
1
+20 dB digital boost applied
BIAS_LVL[1:0]
MIC Bias Output Level
00
0.9xVA
01
0.8xVA
10
0.7xVA
11
0.6xVA
76
5
4
3
2
1
0
PGAxMUX1
PGAxMUX0
PGAxVOL5
PGAxVOL4
PGAxVOL3
PGAxVOL2
PGAxVOL1
PGAxVOL0
PGAxMUX[1:0]
Selected Input to PGAx
00
AIN1x.
01
AIN2x.
10
AIN3x.
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com