Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 14Page - Cirrus Logic CS42L56 Datasheet HTML 15Page - Cirrus Logic CS42L56 Datasheet HTML 16Page - Cirrus Logic CS42L56 Datasheet HTML 17Page - Cirrus Logic CS42L56 Datasheet HTML 18Page - Cirrus Logic CS42L56 Datasheet HTML 19Page - Cirrus Logic CS42L56 Datasheet HTML 20Page - Cirrus Logic CS42L56 Datasheet HTML 21Page - Cirrus Logic CS42L56 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
18
DS851F2
CS42L56
HP OUTPUT CHARACTERISTICS
Test conditions (unless otherwise specified): Connections to the CS42L56 are shown in the “Typical Connection Diagrams” on
page 11; Input test signal is a full-scale 997 Hz sine wave; All Supplies = VA, VCP Mode; GND = AGND = 0 V; TA = +25C;
Measurement bandwidth is 20 Hz to 20 kHz; Sample Frequency = 48 kHz; Test load RL = 10 k CL =150 pFfor a line load,
and test load RL =16  CL = 150 pF for a headphone load (See Figure 6 on page 21); Measurement signal path is SDIN to
HPOUTx.
VA = 2.5 V
VA = 1.8 V
Parameter (Note 15)
Min
Typ
Max
Min
Typ
Max
Unit
Line Load RL = 10 k(+2 dB Analog Gain) (Note 14)
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
92
89
-
-
98
95
96
94
-
-
-
-
90
87
-
-
96
93
94
92
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 16)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-84
-75
-35
-82
-74
-34
-78
-
-30
-
-
-
-
-
-
-
-
-
-85
-73
-33
-83
-72
-32
-79
-
-28
-
-
-
dB
dB
dB
dB
dB
dB
Full-scale Output Voltage
(Note 17) 1.56•VA 1.64•VA 1.73•VA 1.56•VA 1.64•VA 1.73•VA
VPP
HP Load RL = 16 (-4 dB Analog Gain) (Note 14)
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
89
86
-
-
95
92
93
90
-
-
-
-
88
85
-
-
94
91
92
89
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 16)
-
-75
-69
-
-75
-69
dB
Full-scale Output Voltage
(Note 17) 0.76•VA 0.82•VA 0.88•VA 0.76•VA 0.82•VA 0.88•VA
VPP
Output Power
(Note 16)
-32-
-
17-
mW
Other Characteristics for RL = 16  or 10 k
Interchannel Isolation
10 k
(Note 17)
16
-
-
90
90
-
-
-
-
90
90
-
-
dB
dB
Interchannel Gain Mismatch
(Note 17)
-
0.1
0.28
-
0.1
0.28
dB
Output Offset
Mute
(Note 17)
0 dB Analog Gain
-
-
0.5
3.9
1.0
±15.1
-
-
0.5
3.1
1.0
±11.4
mV
mV
Gain Drift
(Note 17)
-
±100
-
-
±100
-
ppm/°C
Load Resistance (RL)
(Note 17)
16
-
-
16
-
-
Load Capacitance (CL)
(Note 17)
-
-
150
-
-
150
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com