Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 40Page - Cirrus Logic CS42L56 Datasheet HTML 41Page - Cirrus Logic CS42L56 Datasheet HTML 42Page - Cirrus Logic CS42L56 Datasheet HTML 43Page - Cirrus Logic CS42L56 Datasheet HTML 44Page - Cirrus Logic CS42L56 Datasheet HTML 45Page - Cirrus Logic CS42L56 Datasheet HTML 46Page - Cirrus Logic CS42L56 Datasheet HTML 47Page - Cirrus Logic CS42L56 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
44
DS851F2
CS42L56
When the rail voltages are set to VCP, the amplifiers will operate in their least efficient mode. When the
rail voltages are held at ±VCP/2, the amplifiers will operate in their most efficient mode, but will be clipped
if required to amplify a full-scale signal. Note: The ±VCP/2 curve ends at the point at which the output of
the amplifiers reaches 10% THD+N.
The benefit of Bi-Modal Class H is shown in the solid trace on the graph. At lower output levels, the am-
plifiers operate on the ±VCP/2 curve. At higher output levels, they operate on the ±VCP curve. The dura-
tion the amplifiers will operate on either of the two curves (±VCP/2 or ±VCP) depends on both the content
and the output level of the program material being amplified. The highest efficiency operation will result
from maintaining an output level that is close to, but not exceeding, the clip threshold of the ±VCP/2 curve.
4.6
Beep Generator
The Beep Generator generates audio frequencies across approximately two octave major scales. It offers
three modes of operation: Continuous, multiple, and single (one-shot) beeps. Sixteen On and eight Off times
are available.
It should be noted that the beep is generated before the limiter and may affect desired limiting performance.
If the limiter function is used, it may be necessary to set the beep volume sufficiently below the threshold to
prevent the peak detect from triggering. Since the master volume control, MSTxVOL[7:0], will affect the
beep volume, the DAC volume may alternatively be controlled using the PMIXxVOL[6:0] bits.
Figure 28. Class H Power to Load vs. Power from VCP Supply - 16
All Supplies= 1.8 V
RL = 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com