Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 15Page - Cirrus Logic CS42L56 Datasheet HTML 16Page - Cirrus Logic CS42L56 Datasheet HTML 17Page - Cirrus Logic CS42L56 Datasheet HTML 18Page - Cirrus Logic CS42L56 Datasheet HTML 19Page - Cirrus Logic CS42L56 Datasheet HTML 20Page - Cirrus Logic CS42L56 Datasheet HTML 21Page - Cirrus Logic CS42L56 Datasheet HTML 22Page - Cirrus Logic CS42L56 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
DS851F2
19
CS42L56
LINE OUTPUT CHARACTERISTICS
Test conditions (unless otherwise specified): Connections to the CS42L56 are shown in the “Typical Connection Diagrams” on
page 11; Input test signal is a full-scale 997 Hz sine wave; All Supplies = VA, VCP Mode; GND = AGND = 0 V; TA = +25C;
Measurement bandwidth is 20 Hz to 20 kHz; Sample Frequency = 48 kHz; Test load RL = 10 k CL = 150 pF (see Figure 6 on
page 21); Measurement signal path is SDIN to LINEOUTx.
Notes:
14. The analog gain setting (“Headphone Volume Control” on page 84 or “Line Volume Control” on
page 84) must be configured as indicated to achieve the specified output characteristics.
15. One LSB of triangular PDF dither is added to data.
16. VCP settings lower than VA reduces the headroom of the headphone amplifier. As a result, the speci-
fied THD+N performance at full-scale output voltage and power may not be achieved.
17. See Figure 6 and Figure 7. Refer to “Parameter Definitions” on page 91.
18. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 45 to Note 48
on page 90) have been normalized to Fs and can be denormalized by multiplying the X-axis scale by Fs.
19. Measurement bandwidth is from Stopband to 3 Fs.
VA = 2.5 V
VA = 1.8 V
Parameter (Note 15)
Min
Typ
Max
Min
Typ
Max
Unit
(+2 dB Analog Gain) (Note 14)
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
93
90
-
-
99
96
96
94
-
-
-
-
91
88
-
-
97
94
94
92
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 16)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-84
-76
-36
-82
-74
-34
-78
-
-30
-
-
-
-
-
-
-
-
-
-86
-74
-34
-84
-72
-32
-80
-
-28
-
-
-
dB
dB
dB
dB
dB
dB
Full-scale Output Voltage
(Note 17) 1.50•VA 1.58•VA 1.71•VA 1.50•VA 1.58•VA 1.71•VA
VPP
Other Characteristics
Interchannel Isolation
(Note 17)
-90-
-90-
dB
Interchannel Gain Mismatch
(Note 17)
-
0.1
0.32
-
0.1
0.32
dB
Output Offset
Mute
(Note 17)
0dB Analog Gain
-
-
0.5
3.6
1.0
±14.6
-
-
0.5
2.8
1.0
±10.6
mV
mV
Gain Drift
(Note 17)
-±100-
-±100-
ppm/°C
Output Impedance
-100
-
-
100-
Load Resistance (RL)
(Note 17)
10
-
-
10
-
-
k
Load Capacitance (CL)
(Note 17)
-
-
150
-
-
150
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com