Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 25Page - Cirrus Logic CS42L56 Datasheet HTML 26Page - Cirrus Logic CS42L56 Datasheet HTML 27Page - Cirrus Logic CS42L56 Datasheet HTML 28Page - Cirrus Logic CS42L56 Datasheet HTML 29Page - Cirrus Logic CS42L56 Datasheet HTML 30Page - Cirrus Logic CS42L56 Datasheet HTML 31Page - Cirrus Logic CS42L56 Datasheet HTML 32Page - Cirrus Logic CS42L56 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
DS851F2
29
CS42L56
POWER CONSUMPTION - ALL SUPPLIES = 2.5 V
Notes:
32. RESET pin and clock/data lines held LO, PDN=x.
33. RESET pin held HI, PDN=1.
34. Clock/data lines held HI.
35. Either inputs 1 or 2 may be selected. Input 1 is shown for simplicity.
36. In accordance with the JEITA CP-2905B standard, 0.1 mW (per channel) is delivered to the headphone load.
Operation Test Conditions
(unless otherwise specified):
All zeros input, slave mode,
sample rate = 48 kHz; No
load. Refer to Figure 12 on
page 28.
Power Ctl. Registers
MUX Registers
Typical Current (mA)
02h
page 58
03h page 59
08h page 74
Class
H
Mode
page
63
iVCP
iVA
iVLDO
iVL
Total
Power
(mW)
1
Off (Note 32)
xxxx x
x
x
x
x
x
xxxxx
-
0.002 0.002 0.013 0.004
0.05
2
Standby (Note 33) MCLKDIS=1
xxx1 x
x
x
x
x
x
xxxxx
-
0.003 0.003 0.084 0.012
0.26
MCLKDIS=0
xxx1 x
x
x
x
x
x
xxxxx
-
0.003 0.017 0.466 0.012
1.25
(Note 34) MCLKDIS=x
xxx1 x
x
x
x
x
x
xxxxx
-
0.003 0.003 0.032 0.003
0.10
3
Mono Record (Note 35)
ADC
1100 11 11 11 11 xx 01 xxxxx
-
0.003 0.789 0.744 0.026
3.91
PGA to ADC
1100 11 11 11 11 xx 00 xxxxx
-
0.003 0.963 0.748 0.026
4.35
4
Stereo Record (Note 35)
ADC
1000 11 11 11 11 01 01 xxxxx
-
0.003 1.089 0.919 0.033
5.11
PGA to ADC
1000 11 11 11 11 00 00 xxxxx
-
0.003 1.419 0.922 0.033
5.94
5
Mono Play to HP
No Effects
1110 11 10 11 11 xx xx xxx0 1 VCP/2 0.723 1.469 0.734 0.012
7.35
VCP 1.984 1.480 0.736 0.012
10.53
Effects
1110 11 10 11 11 xx xx xxx0 0 VCP/2 0.723 1.468 1.071 0.012
8.19
VCP 1.982 1.480 1.069 0.012
11.36
6
Mono Play to Line
No Effects
1110 11 11 11 10 xx xx x 0 x x 1 VCP/2 0.693 1.469 0.736 0.012
7.28
VCP 1.819 1.481 0.732 0.012
10.11
Effects
1110 11 11 11 10 xx xx x 0 x x 0 VCP/2 0.693 1.469 1.073 0.012
8.12
VCP 1.819 1.481 1.069 0.012
10.95
7
Stereo Play to HP
No Effects
1110 10 10 11 11 xx xx x x 0 0 1 VCP/2 0.936 2.099 0.737 0.012
9.46
VCP 2.530 2.113 0.736 0.012
13.48
Effects
1110 10 10 11 11 xx xx x x 0 0 0 VCP/2 0.934 2.099 1.109 0.012
10.39
VCP 2.526 2.113 1.109 0.012
14.40
8
Stereo Play to Line
No Effects
1110 11 11 10 10 xx xx 0 0 x x 1 VCP/2 0.873 2.102 0.737 0.012
9.31
VCP 2.197 2.115 0.736 0.012
12.65
Effects
1110 11 11 10 10 xx xx 0 0 x x 0 VCP/2 0.873 2.102 1.110 0.012
10.24
VCP 2.196 2.115 1.108 0.012
13.58
9
Stereo Passthrough to HP
1110 10 10 11 11 xx xx x x 1 1 x VCP/2 0.870 1.203 0.228 0.012
5.78
VCP 2.202 1.218 0.228 0.012
9.15
10 Stereo Passthrough to Line
1110 11 11 10 10 xx xx 1 1 x x x VCP/2 0.874 1.206 0.228 0.012
5.80
VCP 2.196 1.220 0.228 0.012
9.14
11 Mono Rec. & Play
No Effects
PGA In, HP Out
1100 11 10 11 11 xx 00 xxx0 1 VCP/2 0.723 2.148 1.157 0.026
10.14
VCP 1.981 2.160 1.162 0.026
13.32
Effects
1100 11 10 11 11 xx 00 xxx0 0 VCP/2 0.723 2.148 1.491 0.026
10.97
VCP 1.983 2.160 1.489 0.027
14.15
12 Stereo Rec. & Play No Effects
PGA In, HP Out
1000 10 10 11 11 00 00 x x 0 0 1 VCP/2 0.936 3.233 1.335 0.033
13.84
VCP 2.532 3.247 1.336 0.033
17.87
Effects
1000 10 10 11 11 00 00 x x 0 0 0 VCP/2 0.936 3.233 1.710 0.033
14.78
VCP 2.534 3.247 1.710 0.033
18.81
13 Stereo Play to HP
No Effects
1110 10 10 11 11 xx xx x x 0 0 1 VCP/2 3.032 2.081 0.754 0.012
14.70
16
load (Note 36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com