Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 45Page - Cirrus Logic CS42L56 Datasheet HTML 46Page - Cirrus Logic CS42L56 Datasheet HTML 47Page - Cirrus Logic CS42L56 Datasheet HTML 48Page - Cirrus Logic CS42L56 Datasheet HTML 49Page - Cirrus Logic CS42L56 Datasheet HTML 50Page - Cirrus Logic CS42L56 Datasheet HTML 51Page - Cirrus Logic CS42L56 Datasheet HTML 52Page - Cirrus Logic CS42L56 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
DS851F2
49
CS42L56
4.9
Digital Interface Format
The serial port operates in standard I²S or Left-Justified digital interface formats with varying bit depths from
16 to 24. Data is clocked out of the ADC or into the DAC on the rising edge of SCLK. Figures 32-33 illustrate
the general structure of each format. Refer to “Switching Specifications - Serial Port” on page 23 for exact
timing relationship between clocks and data.
For additional information, application note AN282 presents a tutorial of the 2-channel serial audio interface.
AN282 can be downloaded from the Cirrus Logic web site at http://www.cirrus.com.
4.10 Initialization
The CODEC enters a Power-Down state upon initial power-up. The interpolation and decimation filters, del-
ta-sigma modulators and control port registers are reset. The charge pump, LDO, internal voltage reference
and switched-capacitor low-pass filters are powered down. The device will remain in the Power-Down state
until the RESET pin is brought high. The control port is accessible once RESET is high and the desired reg-
ister settings can be loaded per the interface descriptions in the “Register Description” on page 58.
After the PDN bit is released and MCLK is valid, the quiescent voltage, VQ, and the internal voltage refer-
ence, FILT+, will begin powering up to normal operation. The charge pump slowly powers up and charges
the capacitors. Power is then applied to the headphone amplifiers and switched-capacitor filters, and the an-
alog/digital outputs enter a muted state. MCLK occurrences are counted over one LRCK period to determine
a valid MCLK/LRCK ratio and normal operation begins.
4.11 Recommended DAC to HP or Line Power Sequence
4.11.1 Power-Up Sequence
1. Hold RESET low until the power supplies are stable. Note: VA must be applied prior to VCP to
maintain the relationship specified in “Recommended Operating Conditions” on page 14. RESET
should be held low for a minimum of 1 ms after power supplies are stable.
2. Apply MCLK at the appropriate frequency, as discussed in Section 4.8. SCLK may be applied or set
to master at any time; LRCK may only be applied or set to master while the PDN bit is set to 1.
3. Bring RESET high.
LRCK
SCLK
MS B
LS B
MS B
LS B
AOUTA / AINxA
Left C ha nnel
Right C h an n el
SDIN
AOUTB / AINxB
MSB
Figure 32. I²S Format
LRCK
SCLK
MS B
LS B
MS B
LS B
L eft C han nel
Right C h an nel
SDIN
MSB
AOUTA / AINxA
AOUTB / AINxB
Figure 33. Left-Justified Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com