Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 30Page - Cirrus Logic CS42L56 Datasheet HTML 31Page - Cirrus Logic CS42L56 Datasheet HTML 32Page - Cirrus Logic CS42L56 Datasheet HTML 33Page - Cirrus Logic CS42L56 Datasheet HTML 34Page - Cirrus Logic CS42L56 Datasheet HTML 35Page - Cirrus Logic CS42L56 Datasheet HTML 36Page - Cirrus Logic CS42L56 Datasheet HTML 37Page - Cirrus Logic CS42L56 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
34
DS851F2
CS42L56
4.2.3
Microphone Inputs
Any of the line inputs can be configured as a microphone input by using the MICBIAS pin to power the
external microphone circuit and by configuring the additional +10 or +20 dB gain in the PGA to properly
boost the low-level microphone signal.
4.2.3.1 External Passive Components
The analog inputs are internally biased to VQ. Input signals must be AC coupled using external capacitors
with values consistent with the desired high-pass filter design. The analog input resistance may be com-
bined with an external capacitor to achieve the desired cutoff frequency. The equation below gives an ex-
ample:
An electrolytic capacitor must be placed such that the positive terminal is positioned relative to the side
with the greater bias voltage. The MICBIAS voltage level is controlled by the BIAS_LVL[1:0] bits.
The MICBIAS series resistor must be selected based on the requirements of the particular microphone
used.
4.2.4
Optional VCM Buffer
Leaving an analog input pin floating when not being used might inject distortion in the analog input signal
path. To prevent this, the analog inputs may be internally biased to VCM by using a weak internal VCM
buffer when not being used. The VCM buffer outputs a weakly buffered version of the internal common-
mode voltage and biases the chip-side of the analog input AC-coupling capacitor to a constant DC level.
This prevents the analog signal from being distorted when that particular channel is not selected by either
the PGA or ADC input MUX. If an analog signal is routed to any place other than just the CS42L56, it is
recommended to set this bit to 0b. If all analog signals are only routed to the CS42L56, this bit may be left
set to 1b.
4.2.5
Automatic Level Control (ALC)
The function of the ALC is to maintain the level of the analog input signal between the maximum and min-
imum threshold settings programmed in the ALCMAX[2:0] and ALCMIN[2:0] registers. When enabled, the
ALC monitors the signal level after the digital volume control block in the input signal path and detects
Referenced Control
Register Location
BIAS_LVL[1:0] ..................... “Microphone Bias Output Level” on page 77
Referenced Control
Register Location
PDN_VBUF[1:0]................... “Power Down VCM Bias Buffer” on page 58
fc
1
2
 4 k
 1 F

--------------------------------------------
39.79 Hz
==
MICx+
MICx-
+
+
MICBIAS
//
//
Figure 17. MIC Input Mix w/Common Mode Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com