Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 31Page - Cirrus Logic CS42L56 Datasheet HTML 32Page - Cirrus Logic CS42L56 Datasheet HTML 33Page - Cirrus Logic CS42L56 Datasheet HTML 34Page - Cirrus Logic CS42L56 Datasheet HTML 35Page - Cirrus Logic CS42L56 Datasheet HTML 36Page - Cirrus Logic CS42L56 Datasheet HTML 37Page - Cirrus Logic CS42L56 Datasheet HTML 38Page - Cirrus Logic CS42L56 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
DS851F2
35
CS42L56
whenever a threshold violation occurs. It then modifies the signal level by adjusting the gain settings in
the PGA and ADC digital volume control accordingly.
As shown in Figure 18, if the input signal level rises above the maximum threshold, the ALC first lowers
the PGA gain settings. It then decreases the ADC digital volume at a programmable “attack” rate and
maintains the resulting level below the maximum threshold. In contrast, if the input signal level falls below
the minimum threshold, the ALC first increases the ADC digital volume settings and then increases the
PGA gain settings at a programmable “release” rate. However, once an attack or release operation has
been performed on an input signal, the ALC does not change the PGA or the digital volume control set-
tings until the next threshold violation occurs.
Output
(after ALC)
Input (before ALC)
Total ALC
Response
ALCMAX[2:0]
ARATE[5:0]
below full scale
ALCMIN[2:0]
below full scale
ALCMIN[2:0]
below full scale
ALCMAX[2:0]
below full scale
PGA
Response
ADC Vol.
Cntrl.
Response
RRATE[5:0]
ARATE[5:0]
Figure 18. ALC Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com