Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 92 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 84Page - Cirrus Logic CS42L56 Datasheet HTML 85Page - Cirrus Logic CS42L56 Datasheet HTML 86Page - Cirrus Logic CS42L56 Datasheet HTML 87Page - Cirrus Logic CS42L56 Datasheet HTML 88Page - Cirrus Logic CS42L56 Datasheet HTML 89Page - Cirrus Logic CS42L56 Datasheet HTML 90Page - Cirrus Logic CS42L56 Datasheet HTML 91Page - Cirrus Logic CS42L56 Datasheet HTML 92Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 92 / 92 page
background image
92
DS851F2
CS42L56
12.ORDERING INFORMATION
13.REFERENCES
1. Philips Semiconductor, The I²C-Bus Specification: Version 2.1, January 2000.
http://www.semiconductors.philips.com
14.REVISION HISTORY
Product
Description
Package
Pb-Free
Grade
Temp Range
Container Order #
CS42L56
Ultralow Power, Stereo
Codec with Class H Head-
phone Amp
40L-QFN
YES
Commercial -40°C to +85°C
Rail
CS42L56-CNZ
Tape & Reel CS42L56-CNZR
CDB42L56 CS42L56 Evaluation Board
-
-
-
-
-
CDB42L56
Release
Changes
F1
Final Release.
F2
Updated “ADC Digital Filter Characteristics” section on page 18.
Updated dither specified in Note 15 on page 20.
Updated “Combined DAC Interpolation & On-Chip Analog FIlter Response” section on page 22.
Updated Figure 14. “Stereo Pseudo-Differential Input” on page 33.
Updated the Class H section, “Adapt to Volume Mode (setting 00)” on page 40.
Updated Section 4.11 “Recommended DAC to HP or Line Power Sequence” on page 50.
Updated Section 4.12 “Recommended PGA to HP or Line Power Sequence (Analog Passthrough)” on page 52.
Updated the first paragraph in “Register Quick Reference” on page 56 and “Register Description” on page 58 to
allow data sheet-specified control-writes to reserved registers.
Removed I²C address heading row from “Register Quick Reference” on page 56.
Added Note 1 in “Freeze Registers” on page 64.
Corrected BEEP volume settings to reflect level relative to DAC’s full scale in “Beep Volume” on page 72
Updated “PGA x Preamplifier Gain” section on page 77.
Corrected the E2 scale in the package drawing in “Package Dimensions” on page 92.
Contacting Cirrus Logic Support
For all product questions and inquiries, contact a Cirrus Logic Sales Representative.
To find one nearest you, go to www.cirrus.com.
IMPORTANT NOTICE
Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject
to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant
information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale
supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus
for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third
parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights,
copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives con-
sent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent
does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale.
CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROP-
ERTY OR ENVIRONMENTAL DAMAGE (“CRITICAL APPLICATIONS”). CIRRUS PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE
IN PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PRODUCTS OR OTHER CRIT-
ICAL APPLICATIONS. INCLUSION OF CIRRUS PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER’S RISK AND CIR-
RUS DISCLAIMS AND MAKES NO WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND
FITNESS FOR PARTICULAR PURPOSE, WITH REGARD TO ANY CIRRUS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE CUSTOMER OR CUSTOM-
ER’S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS IN CRITICAL APPLICATIONS, CUSTOMER AGREES, BY SUCH USE, TO FULLY
INDEMNIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL LIABILITY, INCLUDING AT-
TORNEYS’ FEES AND COSTS, THAT MAY RESULT FROM OR ARISE IN CONNECTION WITH THESE USES.
Cirrus Logic, Cirrus, and the Cirrus Logic logo designs are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks
or service marks of their respective owners.
SPI is a trademark of Motorola.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com