Electronic Components Datasheet Search
  English  ▼

X  

CS42L56 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS42L56
Description  Ultralow Power, Stereo Codec with Class H Headphone Amp
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L56 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS42L56 Datasheet HTML 12Page - Cirrus Logic CS42L56 Datasheet HTML 13Page - Cirrus Logic CS42L56 Datasheet HTML 14Page - Cirrus Logic CS42L56 Datasheet HTML 15Page - Cirrus Logic CS42L56 Datasheet HTML 16Page - Cirrus Logic CS42L56 Datasheet HTML 17Page - Cirrus Logic CS42L56 Datasheet HTML 18Page - Cirrus Logic CS42L56 Datasheet HTML 19Page - Cirrus Logic CS42L56 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
16
DS851F2
CS42L56
Notes:
5. See Figure 4.
6. SDOUT Code with HPFx=1 and HPFRZx=0.
7. See “Parameter Definitions” on page 91.
8. The full scale input voltage values given in the table refers to the maximum voltage difference between
the AINxx and AINxREF pins. Providing an input signal at these pins that exceeds the full scale input
voltage may result in clipping the analog input.
9. Measured between AINxx and AGND.
10. Providing a signal level higher than 300 mVpp on the AINxREF pin may degrade the PGA linearity and
adversely affect analog input performance. See Figure 5.
Full-scale Signal Input Voltage
(Note 8)
ADC
PGA=-1.5 dB, PREAMPx[1:0]=00
PGA=0 dB, PREAMPx[1:0]=00
PGA=+12 dB, PREAMPx[1:0]=00
PGA=0 dB, PREAMPx[1:0]=01
PGA=0 dB, PREAMPx[1:0]=10
PGA=+12 dB, PREAMPx[1:0]=01
PGA=+12 dB, PREAMPx[1:0]=10
0.76•VA
-
0.78•VA
-
-
-
-
-
0.80•VA
0.95•VA
0.82•VA
0.198•VA
0.259•VA
0.082•VA
0.064•VA
0.020•VA
0.84•VA
-
0.86•VA
-
-
-
-
-
0.76•VA
-
0.78•VA
-
-
-
-
-
0.80•VA
0.95•VA
0.82•VA
0.198•VA
0.259•VA
0.082•VA
0.064•VA
0.020•VA
0.84•VA
-
0.86•VA
-
-
-
-
-
Vpp
Vpp
Vpp
Vpp
Vpp
Vpp
Vpp
Vpp
AINxREF Input Voltage (Pseudo-Diff Mode)(Note 10)
-
-
0.300
-
-
0.300
Vpp
Input Impedance (Note 9)
ADC
PGA, PREAMPx[1:0]=00
PGA, PREAMPx[1:0]=01
PGA, PREAMPx[1:0]=10
-
-
-
-
60
40
12.65
4
-
-
-
-
-
-
-
-
60
40
12.65
4
-
-
-
-
k
k
k
k
DC Voltage at Analog Input (Pin Floating)
-
VA/2
-
-
VA/2
-
V
ANALOG INPUT CHARACTERISTICS (CONTINUED)
Test Conditions (unless otherwise specified): Connections to the CS42L56 are shown in the “Typical Connection Diagrams” on
page 11; Input test signal is a 1 kHz sine wave through the passive input filter, PGA = 0 dB; All Supplies = VA;
GND = AGND = 0 V; TA =+25C; Measurement bandwidth is 20 Hz to 20 kHz; Sample Frequency = 48 kHz. Measurement sig-
nal path is AINxx to SDOUT.
100 mVPP,
25 Hz
100
1
F
AINxA
AINxREF
Figure 4. CMRR Test Configuration
1 µF
AINxx
AINxREF
1 µF
300 mVPP,
1 kHz
100
Figure 5. AINxREF Input Voltage Test Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com