Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 41Page - Cirrus Logic CS47L85 Datasheet HTML 42Page - Cirrus Logic CS47L85 Datasheet HTML 43Page - Cirrus Logic CS47L85 Datasheet HTML 44Page - Cirrus Logic CS47L85 Datasheet HTML 45Page - Cirrus Logic CS47L85 Datasheet HTML 46Page - Cirrus Logic CS47L85 Datasheet HTML 47Page - Cirrus Logic CS47L85 Datasheet HTML 48Page - Cirrus Logic CS47L85 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 370 page
background image
CS47L85
Rev 4.3
45
DIGITAL AUDIO CORE
The CS47L85 uses a core architecture based on all-digital signal routing, making digital audio effects available on all signal
paths, regardless of whether the source data input is analogue or digital. The digital mixing desk allows different audio
effects to be applied simultaneously on many independent paths, whilst also supporting a variety of sample rates
concurrently. This helps support many new audio use-cases. Soft mute and un-mute control allows smooth transitions
between use-cases without interrupting existing audio streams elsewhere.
The CS47L85 digital core provides an extensive capability for programmable signal processing algorithms. The DSP can
support functions such as wind noise, side-tone and other programmable filters. A wide range of application-specific filters
and audio enhancements can also be implemented, including Dynamic Range Control (DRC), Multi-band Compression
(MBC), and Virtual Surround Sound (VSS). These digital effects can be used to improve audibility and stereo imaging while
minimising supply current.
The digital core also provides signal processing capability for sensor hub functions of the CS47L85. Sensors and
accessories can be connected through 3 master I2C interfaces; the programmable DSP, together with peripheral timer and
event logging functions, enables applications to use these inputs to support increased contextual awareness, including
advanced motion sensing and navigation functionality.
The Cirrus Logic Ambient Noise Cancellation (ANC) processor within the CS47L85 provides the capability to improve the
intelligibility of a voice call by using destructive interference to reduce the acoustic energy of the ambient sound. The Cirrus
Logic ANC technology supports receive (RX) path noise cancellation; Transmit (TX) path noise reduction, and multi-mic
Acoustic Echo Cancellation (AEC) algorithms are also supported. The CS47L85 is ideal for mobile telephony, providing
enhanced voice communication quality for both near-end and far-end users in a wide variety of applications.
Highly flexible digital mixing, including mixing between audio interfaces, is possible. The CS47L85 performs multi-channel
full-duplex asynchronous sample rate conversion, providing use-case flexibility across a broad range of system architectures.
Automatic sample rate detection is provided, enabling seamless wideband/narrowband voice call handover.
Dynamic Range Controller (DRC) functions are available for optimising audio signal levels. In playback modes, the DRC
can be used to maximise loudness, while limiting the signal level to avoid distortion, clipping or battery droop, in particular
for high-power output drivers such as speaker amplifiers. In record modes, the DRC assists in applications where the signal
level is unpredictable.
The 5-band parametric equaliser (EQ) functions can be used to compensate for the frequency characteristics of the output
transducers. EQ functions can be cascaded to provide additional frequency control. Programmable high-pass and low-pass
filters are also available for general filtering applications such as removal of wind and other low-frequency noise.
DIGITAL INTERFACES
Four serial digital audio interfaces (AIFs) each support PCM, TDM and I2S data formats for compatibility with most industry-
standard chipsets. AIF1 and AIF2 support eight input/output channels; AIF3 and AIF4 support two input/output channels.
Bidirectional operation at sample rates up to 192kHz is supported.
12 digital PDM input channels are available (six stereo interfaces); these are typically used for digital microphones, powered
from the integrated MICBIAS power supply regulators. Four PDM output channels are also available (two stereo interfaces);
these are typically used for external power amplifiers. Embedded mute codes provide a control mechanism for external
PDM-input devices.
The CS47L85 features a MIPI-compliant SLIMbus interface, providing eight channels of audio input/output. Mixed audio
sample rates are supported on the SLIMbus interface. The SLIMbus interface also supports read/write access to the
CS47L85 control registers.
An IEC-60958-3 compatible S/PDIF transmitter is incorporated, enabling stereo S/PDIF output on a GPIO pin. Standard
S/PDIF sample rates of 32kHz up to 192kHz are all supported.
Control register access, and high bandwidth data transfer, is supported by two slave SPI interfaces and a slave I2C control
interface. The SPI interfaces operate up to 26MHz; the I2C slave interface operates up to 3.4MHz. Full access to the register
map is also provided via the SLIMbus port.
The CS47L85 incorporates three master I2C interfaces, offering a flexible capability for additional sensor / accessory input.
Typical sensors include accelerometers, gyroscopes and magnetometers for motion sensing and navigation applications.
Other example accessories include barometers, or ambient light sensors, for environmental awareness.
OTHER FEATURES
The CS47L85
incorporates two 1kHz tone generators which can be used for ‘beep’ functions through any of the audio signal
paths. The phase relationship between the two generators is configurable, providing flexibility in creating differential signals,
or for test scenarios.
A white noise generator is provided, which can be routed within the digital core. The noise generator
can provide ‘comfort
noise’ in cases where silence (digital mute) is not desirable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com