Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 63Page - Cirrus Logic CS47L85 Datasheet HTML 64Page - Cirrus Logic CS47L85 Datasheet HTML 65Page - Cirrus Logic CS47L85 Datasheet HTML 66Page - Cirrus Logic CS47L85 Datasheet HTML 67Page - Cirrus Logic CS47L85 Datasheet HTML 68Page - Cirrus Logic CS47L85 Datasheet HTML 69Page - Cirrus Logic CS47L85 Datasheet HTML 70Page - Cirrus Logic CS47L85 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 370 page
background image
CS47L85
Rev 4.3
67
INPUT SIGNAL PATH ANC CONTROL
The CS47L85 incorporates a mono Ambient Noise Cancellation (ANC) processor which can provide noise reduction in a
variety of different operating conditions.
The input source for the Receive Path ANC function is selected using INRXANCL_SEL and FCL_MIC_MODE_SEL, as
described in Table 6.
See “Ambient Noise Cancellation” for further details of the ANC function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3841
(0F01h)
ANC_SRC
2:0
IN_RXANCL_SE
L [2:0]
000
Input source for Rx ANC function
000 = No selection
001 = Input Path 1
010 = Input Path 2
011 = Input Path 3
100 = Input Path 4
101 = Input Path 5
110 = Input Path 6
111 = Reserved
R3863
(0F17h)
FCL ADC
reformatte
r control
3:2
FCL_MIC_MODE
_SEL
01
Input channel for Rx ANC function
00 = Disabled
01 = Left channel
10 = Right channel
11 = Left + Right channels (only valid if
signal path is configured for digital input)
Table 6 Input Signal Paths ANC Control
DIGITAL MICROPHONE PIN CONFIGURATION
Digital Microphone (DMIC) operation on Input paths IN1, IN2 and IN3 is selected using the INn_MODE registers, as
described in Table 3. When DMIC is selected, the respective DMICCLKn and DMICDATn pins are configured as digital
outputs and inputs respectively.
DMIC operation on Input paths IN4, IN5 and IN6 is implemented on multi-function GPIO pins, which must be configured for
the respective DMIC functions when required. The DMIC connections are pin-specific alternative functions on specific GPIO
pins. See “General Purpose Input / Output” to configure the GPIO pins for DMIC operation.
The CS47L85 provides integrated pull-down resistors on each of the DMICDATn pins. This provides a flexible capability for
interfacing with other devices.
The DMICDAT1, DMICDAT2 and DMICDAT3 pull-down resistors can be configured independently using the register bits
described in Table 7. Note that, if the DMICDATn digital microphone input paths are disabled, then the pull-down will be
disabled on the respective pin.
In the case of the DMIC4, DMIC5 and DMIC6 interfaces, integrated pull-up and pull-down resistors are provided as part of
the GPIO functionality, and can be configured using the register bits described in Table 94.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R840
(0348h)
Dig_Mic_P
ad_Ctrl
2
DMICDAT3_PD
0
DMICDAT3 Pull-Down Control
0 = Disabled
1 = Enabled
1
DMICDAT2_PD
0
DMICDAT2 Pull-Down Control
0 = Disabled
1 = Enabled
0
DMICDAT1_PD
0
DMICDAT1 Pull-Down Control
0 = Disabled
1 = Enabled
Table 7 Digital Microphone Interface Pull-Down Control
DIGITAL CORE
The CS47L85 digital core provides extensive mixing and processing capabilities for multiple signal paths. The configuration
is highly flexible, and virtually every conceivable input/output connection can be supported between the available processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com