Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 66Page - Cirrus Logic CS47L85 Datasheet HTML 67Page - Cirrus Logic CS47L85 Datasheet HTML 68Page - Cirrus Logic CS47L85 Datasheet HTML 69Page - Cirrus Logic CS47L85 Datasheet HTML 70Page - Cirrus Logic CS47L85 Datasheet HTML 71Page - Cirrus Logic CS47L85 Datasheet HTML 72Page - Cirrus Logic CS47L85 Datasheet HTML 73Page - Cirrus Logic CS47L85 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 370 page
background image
CS47L85
70
Rev 4.3
DIGITAL CORE MIXERS
The CS47L85 provides an extensive digital mixing capability. The digital core mixing and signal processing blocks are
illustrated in Figure 22.
A 4-input digital mixer is associated with many of these functions, as illustrated. The digital mixer circuit is identical in each
instance, providing up to 4 selectable input sources, with independent volume control on each input.
The control registers associated with the digital core signal paths are shown in Figure 23 through to Figure 39. The full list
of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document -
see “Register Map”
for further information.
Further description of the associated control registers is provided below. Generic register definitions are provided in Table
8.
The digital mixer input sources are selected using the associated *_SRCn registers; the volume control is implemented via
the associated *_VOLn registers.
The ASRC, ISRC, and DSP Aux Input functions support selectable input sources, but do not incorporate any digital mixing.
The respective input source (*_SRCn) registers are identical to those of the digital mixers.
The *_SRCn registers select the input source(s) for the respective mixer or signal processing block. Note that the selected
input source(s) must be configured for the same sample rate as the block(s) to which they are connected. Sample rate
conversion functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)”
and “Isochronous Sample Rate Converter (ISRC)”.
The *_SRCn registers for all digital core functions should be held at 00h if SYSCLK is not enabled
– SYSCLK must be
present and enabled before selecting other values for
these registers. See “Clocking and Sample Rates” for further details
(including requirements for reconfiguring SYSCLK while digital core mixers are enabled).
A status bit associated with each of the configurable input sources provides readback for the respective signal path. If an
Underclocked Error condition occurs, then these bits provide readback of which signal path(s) have been successfully
enabled.
The generic register definition for the digital mixers is provided in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com