Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 96 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 96 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 92Page - Cirrus Logic CS47L85 Datasheet HTML 93Page - Cirrus Logic CS47L85 Datasheet HTML 94Page - Cirrus Logic CS47L85 Datasheet HTML 95Page - Cirrus Logic CS47L85 Datasheet HTML 96Page - Cirrus Logic CS47L85 Datasheet HTML 97Page - Cirrus Logic CS47L85 Datasheet HTML 98Page - Cirrus Logic CS47L85 Datasheet HTML 99Page - Cirrus Logic CS47L85 Datasheet HTML 100Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 370 page
background image
CS47L85
96
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3789
(0ECDh)
HPLPF4_
2
15:0
LHPF4_COEFF
[15:0]
0000h
Low/High Pass Filter 4 Frequency
Coefficient
Refer to WISCE evaluation board control
software for the derivation of this field
value.
Table 16 Low Pass Filter / High Pass Filter Control
The CS47L85 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the commanded
LHPF and digital mixing functions. If an attempt is made to enable an LHPF signal path, and there are insufficient SYSCLK
cycles to support it, then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be
affected under these circumstances.)
The FX_STS field in Register R3585 indicates the status of each of the EQ, DRC and LHPF signal paths. If an Underclocked
Error condition occurs, then this register provides readback of which EQ, DRC or LHPF signal path(s) have been successfully
enabled.
The status bits in Registers R1600 to R3192 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.
DIGITAL CORE DSP
The digital core provides seven programmable DSP processing blocks as illustrated in Figure 31. Each block supports 8
inputs (Left, Right, Aux1, Aux2, … Aux6). A 4-input mixer is associated with the Left and Right inputs, providing further
expansion of the number of input paths. Each of the input sources is selectable, and independent volume control is provided
for Left and Right input mixer channels. Each DSP block supports 6 outputs.
The functionality of the DSP processing blocks is not fixed, and a wide range of audio enhancements algorithms may be
performed. The procedure for configuring the CS47L85
DSP functions is tailored to each customer’s application; please
contact your local Cirrus Logic representative for more details.
For details of the DSP
Firmware requirements relating to clocking, register access, and code execution, refer to the “DSP
Firmware Control
” section.
DSPnLMIX_VOL2
DSPnLMIX_VOL3
DSPnLMIX_VOL4
+
DSPnLMIX_VOL1
DSPnLMIX_SRC1
DSPnLMIX_SRC3
DSPnLMIX_SRC4
DSPnLMIX_SRC2
DSPnRMIX_VOL2
DSPnRMIX_VOL3
DSPnRMIX_VOL4
+
DSPnRMIX_VOL1
DSPnRMIX_SRC1
DSPnRMIX_SRC3
DSPnRMIX_SRC4
DSPnRMIX_SRC2
DSP
DSPn Channel 1
DSPn Channel 2
DSPn Channel 3
DSPn Channel 4
DSPn Channel 5
DSPn Channel 6
CS47L85 supports 7 DSP blocks, ie. n = 1, 2, 3, 4, 5, 6 or 7
DSP1 Outputs:
(68h, 69h, 6Ah,
6Bh, 6Ch, 6Dh)
DSP2 Outputs:
(70h, 71h, 72h,
73h, 74h, 75h)
DSP3 Outputs:
(78h, 79h, 7Ah,
7Bh, 7Ch, 7Dh)
DSP4 Outputs:
(80h, 81h, 82h,
83h, 84h, 85h)
DSP5 Outputs:
(88h, 89h, 8Ah,
8Bh, 8Ch, 8Dh)
DSP6 Outputs:
(C0h, C1h, C2h,
C3h, C4h, C5h)
DSP7 Output:
(C8h, C9h, CAh,
CBh, CCh, CDh)
Figure 31 Digital Core DSP Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com