Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 43Page - Cirrus Logic CS47L85 Datasheet HTML 44Page - Cirrus Logic CS47L85 Datasheet HTML 45Page - Cirrus Logic CS47L85 Datasheet HTML 46Page - Cirrus Logic CS47L85 Datasheet HTML 47Page - Cirrus Logic CS47L85 Datasheet HTML 48Page - Cirrus Logic CS47L85 Datasheet HTML 49Page - Cirrus Logic CS47L85 Datasheet HTML 50Page - Cirrus Logic CS47L85 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 370 page
background image
CS47L85
Rev 4.3
47
INPUT SIGNAL PATH
The CS47L85 provides flexible input channels, supporting up to 9 analogue inputs or up to 12 digital inputs. Selectable
combinations of analogue (mic or line) and digital inputs are multiplexed into 6 stereo input signal paths. Input paths IN1,
IN2 and IN3 support analogue and digital inputs; Input paths IN4, IN5 and IN6 support digital inputs only.
The analogue input paths support single-ended and differential modes, programmable gain control and are digitised using
a high performance 24-bit sigma-delta ADC.
The digital input paths interface directly with external digital microphones; a separate microphone interface clock is provided
for six separate stereo pairs of digital microphones. Digital delay can be applied to any of the digital input paths; this can be
used for phase adjustment of any digital input, including directional control of multiple microphones.
Four microphone bias (MICBIAS) generators are available, which provide a low noise reference for biasing electret
condenser microphones (ECMs) or for use as a low noise supply for MEMS microphones and digital microphones.
Digital volume control is available on all inputs (analogue and digital), with programmable ramp control for smooth, glitch-
free operation. Any of the analogue or digital inputs may be selected as input to the Ambient Noise Cancellation (ANC)
processing function.
The signal paths and control registers for inputs IN1, IN2 and IN3 are illustrated in Figure 13. The IN4, IN5 and IN6 signal
paths supports digital microphone input only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com