Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 11Page - Cirrus Logic CS47L85 Datasheet HTML 12Page - Cirrus Logic CS47L85 Datasheet HTML 13Page - Cirrus Logic CS47L85 Datasheet HTML 14Page - Cirrus Logic CS47L85 Datasheet HTML 15Page - Cirrus Logic CS47L85 Datasheet HTML 16Page - Cirrus Logic CS47L85 Datasheet HTML 17Page - Cirrus Logic CS47L85 Datasheet HTML 18Page - Cirrus Logic CS47L85 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 370 page
background image
CS47L85
Rev 4.3
15
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or beyond
these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical Characteristics at the
test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible to
damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage of this
device.
Cirrus Logic tests its package types according to IPC/JEDEC J-STD-020 for Moisture Sensitivity to determine acceptable storage conditions
prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Supply voltages (DCVDD, FLLVDD)
-0.3V
1.6V
Supply voltages (CPVDD1, CPVDD2)
-0.3V
2.5V
Supply voltages
(DBVDD1, DBVDD2, DBVDD3, DBVDD4, LDOVDD, AVDD, MICVDD)
-0.3V
5.0V
Supply voltages (SPKVDDL, SPKVDDR)
-0.3V
6.0V
Voltage range digital inputs (DBVDD1 domain)
SUBGND - 0.3V
DBVDD1 + 0.3V
Voltage range digital inputs (DBVDD2 domain)
SUBGND - 0.3V
DBVDD2 + 0.3V
Voltage range digital inputs (DBVDD3 domain)
SUBGND - 0.3V
DBVDD3 + 0.3V
Voltage range digital inputs (DMICDAT1, DMICDAT2, DMICDAT3)
SUBGND - 0.3V
MICVDD + 0.3V
Voltage range digital inputs (DMICDAT4, DMICDAT5, DMICDAT6)
SUBGND - 0.3V
DBVDD4 + 0.3V
Voltage range analogue inputs (IN1Axx, IN2Axx, IN3xx)
SUBGND - 0.3V
MICVDD + 0.3V
Voltage range analogue inputs (IN1Bx, IN2Bxx)
SUBGND - 0.9V
MICVDD + 0.3V
Voltage range analogue inputs (HPOUT1FB1, HPOUT1FB2, HPOUTnFB)
SUBGND - 0.3V
SUBGND + 0.3V
Voltage range analogue inputs (MICDETn)
SUBGND - 0.3V
MICVDD + 0.3V
Voltage range analogue inputs
(JACKDET1, JACKDET2, HPDETL, HPDETR)
CP1VOUT2N - 0.3V
AVDD + 0.3V
Voltage range analogue inputs (GPSWP, GPSWN)
SUBGND - 0.3V
MICVDD + 0.3V
Ground (AGND, DGND, CPGND, SPKGNDL, SPKGNDR)
SUBGND - 0.3V
SUBGND + 0.3V
Operating temperature range, TA
-40ºC
+85ºC
Operating junction temperature, TJ
-40ºC
+125ºC
Storage temperature after soldering
-65ºC
+150ºC
Notes:
1.
The DCVDD and FLLVDD pins should be tied together. The associated power domain is referred to as DCVDD.
2.
The AVDD1 and AVDD2 pins should be tied together. The associated power domain is referred to as AVDD.
3.
The AGND1 and AGND2 pins should be tied together. The associated ground domain is referred to as AGND.
4.
The HPOUT1FBn and MICDETn functions share common pins. The Absolute Maximum Rating varies according to the applicable function
of each pin.
5.
CP1VOUT2N is an internal supply, generated by the CS47L85 Charge Pump (CP1). The CP1VOUT2N voltage may vary between CPGND
and -CPVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com