Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 57Page - Cirrus Logic CS47L85 Datasheet HTML 58Page - Cirrus Logic CS47L85 Datasheet HTML 59Page - Cirrus Logic CS47L85 Datasheet HTML 60Page - Cirrus Logic CS47L85 Datasheet HTML 61Page - Cirrus Logic CS47L85 Datasheet HTML 62Page - Cirrus Logic CS47L85 Datasheet HTML 63Page - Cirrus Logic CS47L85 Datasheet HTML 64Page - Cirrus Logic CS47L85 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 370 page
background image
CS47L85
Rev 4.3
61
INPUT SIGNAL PATH DIGITAL VOLUME CONTROL
A digital volume control is provided on each of the input signal paths, providing -64dB to +31.5dB gain control in 0.5dB steps.
An independent mute control is also provided for each input signal path.
Whenever the gain or mute setting is changed, the signal path gain is ramped up or down to the new settings at a
programmable rate. For increasing gain (or un-mute), the rate is controlled by the IN_VI_RAMP register. For decreasing
gain (or mute), the rate is controlled by the IN_VD_RAMP register. Note that the IN_VI_RAMP and IN_VD_RAMP registers
should not be changed while a volume ramp is in progress.
The IN_VU bits control the loading of the input signal path digital volume and mute controls. When IN_VU is set to 0, the
digital volume and mute settings will be loaded into the respective control register, but will not actually change the signal
path gain. The digital volume and mute settings on all of the input signal paths are updated when a 1 is written to IN_VU.
This makes it possible to update the gain of multiple signal paths simultaneously.
Note that, although the digital volume control registers provide 0.5dB steps, the internal circuits provide signal gain
adjustment in 0.125dB steps. This allows a very high degree of gain control, and smooth volume ramping under all operating
conditions.
The 0dBFS level of the IN1-IN6 digital input paths is not equal to the 0dBFS level of the CS47L85 digital core. The maximum
digital input signal level is -
6dBFS (see “Electrical Characteristics”). Under 0dBFS gain conditions, a -6dBFS input signal
corresponds to a 0dBFS input to the CS47L85 digital core functions.
The digital volume control register fields are described in Table 4 and Table 5.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R777
(0309h)
Input_Volu
me_Ramp
6:4
IN_VD_RAMP
[2:0]
010
Input Volume Decreasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
2:0
IN_VI_RAMP
[2:0]
010
Input Volume Increasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
R785
(0311h)
ADC_Digit
al_Volume
_1L
9
IN_VU
Input Signal Paths Volume and Mute
Update
Writing a 1 to this bit will cause the Input
Signal Paths Volume and Mute settings to
be updated simultaneously
8
IN1L_MUTE
1
Input Path 1 (Left) Digital Mute
0 = Un-mute
1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com