Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 1 Page - Cirrus Logic

  CS47L85 Datasheet HTML 1Page - Cirrus Logic CS47L85 Datasheet HTML 2Page - Cirrus Logic CS47L85 Datasheet HTML 3Page - Cirrus Logic CS47L85 Datasheet HTML 4Page - Cirrus Logic CS47L85 Datasheet HTML 5Page - Cirrus Logic CS47L85 Datasheet HTML 6Page - Cirrus Logic CS47L85 Datasheet HTML 7Page - Cirrus Logic CS47L85 Datasheet HTML 8Page - Cirrus Logic CS47L85 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 370 page
background image
CS47L85
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2014-2018
(All Rights Reserved)
Rev 4.3
JUN
‘18
Low-Power Smart Codec with Seven DSP Cores,
Voice and Media Enhancement, and Integrated Sensor Hub
Features
• 900 MIPS, 900MMAC multicore audio-signal processor
• Sensor hub capability, with event time-stamp functions
• Programmable wideband, multimic audio processing
— Cirrus Logic® mono ambient noise cancelation
— Transmit-path noise reduction and echo cancelation
— Wind noise, sidetone, and other programmable filters
• Multichannel asynchronous sample rate conversion
• Integrated multichannel 24-bit hi-fi audio hub codec
— Six ADCs, 100-dB SNR mic input (48 kHz)
— Eight DACs, 121-dB SNR headphone playback (48 kHz)
• Up to 9 analog or 12 digital microphone inputs
• Multipurpose headphone/earpiece/line output drivers
— 30 mW into 32-Ω load at 0.1% THD+N
• Class D speaker, and digital (PDM) output interfaces
• SLIMbus® audio and control interface
• Four full digital audio interfaces
— Standard sample rates from 8 to 192 kHz
— Multichannel TDM support on AIF1 and AIF2
• Flexible clocking, derived from MCLKn, AIFn, or
SLIMbus
• Low-power frequency-locked loops (FLLs) support
reference clocks down to 32 kHz
• Configurable functions on up to 40 GPIO pins
• Integrated regulators and charge pumps
• Small W-CSP package, 0.4-mm staggered ball array
Applications
• Smartphones and multimedia handsets
• Tablets and Mobile Internet Devices (MIDs)
CS47L85
Digital Core
Programmable multicore DSP sensor hub
Mono Rx ambient noise cancelation (ANC)
Advanced multimic TX noise reduction
Advanced multimic acoustic-echo cancelation
Advanced always-on buffering
Trigger word detection & ASR assist
Speaker protection
5-Band equaliser (EQ)
Dynamic range control (DRC)
Low-Pass / High-Pass Filter (LHPF)
Asynchronous sample rate conversion
Automatic sample rate detection
PWM signal generator
Haptic control signal generator
SPKOUTLP
SPKOUTLN
HPOUTnL
HPOUTnR
DAC
DAC
HPOUTnFB
Charge Pumps
GPSWN
GPIO
GPSWP
AEC (Echo Cancellation)
Loopback
SPKCLKn
SPKDATn
Accessory
Detect
DMICCLKn
DMICDATn
Digital Mic
Interface
LDO1
SLIMbus
Interface
Control Interfaces (2 x SPI, 1 x I2C)
Master Interface (3 x I2C)
Digital Audio Interfaces
AIF1, AIF2, AIF3, AIF4
GPIOn
DAC
DAC
SPKOUTRP
SPKOUTRN
PDM
Driver
x3
x2
x8
x3
LDO and
MICBIAS
Generators
MICBIAS1
MICBIAS2
Reference
Generator
AVDD
AGND
VREFC
MICBIAS3
MICBIAS4
AIFnBCLK
AIFnLRCLK
MCLK2
MCLK1
Clocking
Control
SLIMCLK
Input Select
6 x ADC
3 x Stereo
Digital Mic
Interface
IN1ALN/DMICCLK1, IN1BN
IN1ALP, IN1BP
IN1RN/DMICDAT1
IN1RP
IN2ALN/DMICCLK2, IN2BLN
IN2ALP, IN2BLP
IN2ARN/DMICDAT2
IN2ARP, IN2BR
IN3LN/DMICCLK3
IN3LP
IN3RN/DMICDAT3
IN3RP
SYSCLK, ASYNCCLK, DSPCLK


Similar Part No. - CS47L85

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L15-CWZR CIRRUS-CS47L15-CWZR Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L24 CIRRUS-CS47L24 Datasheet
4Mb / 256P
Low Power Audio Hub for Wearable Technology
Rev 4.1 JAN 2017
CS47L35 CIRRUS-CS47L35 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
CS47L35-CWZR CIRRUS-CS47L35-CWZR Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
More results

Similar Description - CS47L85

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Bosch Sensortec GmbH
BHA260 BOSCH-BHA260 Datasheet
202Kb / 2P
Ultra-low power and high-performance smart sensor hub with integrated accelerometer
BHI260 BOSCH-BHI260 Datasheet
220Kb / 2P
Ultra low-power high performance smart sensor hub with integrated accelerometer and gyroscope
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com