Electronic Components Datasheet Search
  English  ▼

X  

CS47L85 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 42Page - Cirrus Logic CS47L85 Datasheet HTML 43Page - Cirrus Logic CS47L85 Datasheet HTML 44Page - Cirrus Logic CS47L85 Datasheet HTML 45Page - Cirrus Logic CS47L85 Datasheet HTML 46Page - Cirrus Logic CS47L85 Datasheet HTML 47Page - Cirrus Logic CS47L85 Datasheet HTML 48Page - Cirrus Logic CS47L85 Datasheet HTML 49Page - Cirrus Logic CS47L85 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 370 page
background image
CS47L85
46
Rev 4.3
Two Pulse Width Modulation (PWM) signal generators are incorporated. The duty cycle of each PWM signal can be
modulated by an audio source, or can be set to a fixed value using a control register setting. The PWM signal generators
can be output directly on a GPIO pin.
The CS47L85 supports up to 40 GPIO pins, offering a range of input/output functions for interfacing, detection of external
hardware, and to provide logic outputs to other devices. The CS47L85 provides 8 dedicated GPIO pins; a further 32 GPIOs
are multiplexed with other functions. Comprehensive Interrupt (IRQ) functionality is also provided for monitoring internal and
external event conditions.
A signal generator for controlling haptics devices is included, compatible with both Eccentric Rotating Mass (ERM) and
Linear Resonant Actuator (LRA) haptic devices. The haptics signal generator is highly configurable, and can execute
programmable drive event profiles, including reverse drive control. An external vibe actuator can be driven directly by the
Class D speaker output.
The CS47L85 incorporates eight general purpose timers, providing support for the sensor hub capability. Sensor event
logging, and other real time application functions, allows many advanced functions to be implemented with a high degree of
autonomy from a host processor.
A smart accessory interface is included, supporting most standard 3.5mm accessories. Jack detection, accessory sensing
and impedance measurement is provided, for external accessory and push-button detection. Accessory detection can be
used as a ‘Wake-Up’ trigger from low-power standby. Microphone activity detection with interrupt is also available.
System clocking can be derived from the MCLK1 or MCLK2 input pins. Alternatively, the SLIMbus interface, or the audio
interfaces (configured in Slave mode), can be used to provide a clock reference. Three integrated Frequency Locked Loop
(FLL) circuits provide support for a wide range of clocking configurations, including the use of a 32kHz input clock reference.
The CS47L85 can be powered from 1.8V and 1.2V external supplies. A separate supply (4.2V) is typically required for the
Class D speaker driver. Integrated Charge Pump and LDO Regulators circuits are used to generate supply rails for internal
functions and to support powering or biasing of external microphones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com