Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4271
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 4 Page - Analog Devices

  LTC4271 Datasheet HTML 1Page - Analog Devices LTC4271 Datasheet HTML 2Page - Analog Devices LTC4271 Datasheet HTML 3Page - Analog Devices LTC4271 Datasheet HTML 4Page - Analog Devices LTC4271 Datasheet HTML 5Page - Analog Devices LTC4271 Datasheet HTML 6Page - Analog Devices LTC4271 Datasheet HTML 7Page - Analog Devices LTC4271 Datasheet HTML 8Page - Analog Devices LTC4271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC9101-3/LTC9103
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main PoE Supply Voltage
AGND – VEE
l
51
57
V
LTC9103 Undervoltage Lock-Out
AGND – VEE
l
8.2
9
V
VDD
VDD Supply Voltage
VDD – DGND
l
3.0
3.3
3.6
V
Undervoltage Lock-Out
2.8
V
VDD Slew Rate, Falling
2.4 ≤ VDD – DGND ≤ 3.0 (Note 7)
20.0
mV/μs
VCAP1, VCAP2 Internal Regulator Supply Voltage
VCAP1 – DGND, VCAP2 – DGND (Note 12)
1.2
V
VCAP3
Internal 3.3V Regulator Supply Voltage
CAP3 – VEE (Note 12)
l
3
3.3
3.6
V
tCAP3EXT
CAP3 External Supply Rise Time
0.5V < CAP3 < CAP3(min), EXT3 tied to
CAP3 (Note 7)
l
1
ms
VCAP4
Internal 4.3V Regulator Supply Voltage
CAP4 – VEE (Note 12)
4.3
V
IEE
VEE Supply Current
PWRIN Pin Connected to AGND, EXT3
LOW, All Gates Fully Enhanced
7.7
11
14
mA
3.3V Rail Supply Current
From CAP3 = 3.3V (EXT3 HIGH)
4.2
5.4
6.6
mA
IDD
VDD Supply Current
(VDD – DGND) = 3.3V
l
40
60
mA
Detection
Forced Current
Load Resistance 15.5K to 32K
l
l
220
143
240
160
260
180
μA
μA
Forced Voltage
Load Resistance 18.5K to 27.5K
l
l
7
3
8
4
9
5
V
V
Detection Current Compliance
AGND – OUTn = 0V
l
0.8
0.9
mA
VOC
Detection Voltage Compliance
AGND – OUTn, Open Port
l
10.4
12
V
Detection Voltage Slew Rate
AGND – OUTn, CPORT = 150nF (Note 7)
l
0.01
V/μs
Min. Valid Signature Resistance
l
15.5
17
18.5
kΩ
Max. Valid Signature Resistance
l
27.5
29.7
32
kΩ
Classification
VCLASS
Classification Voltage
AGND – OUTn, SENSEn – VSSKn < 5mV
l
16
20.5
V
Classification Current Compliance
SENSEn – VSSKn, OUTn = AGND (Note 14) l
7
8
9
V
Classification Threshold
SENSEn – VSSKn (Note 13)
Class Signature 0 – 1
Class Signature 1 – 2
Class Signature 2 – 3
Class Signature 3 – 4
Class Signature 4 – Overcurrent
l
l
l
l
l
0.5
1.3
2.1
3.1
4.5
0.65
1.45
2.3
3.3
4.8
0.8
1.6
2.5
3.5
5.1
mV
mV
mV
mV
mV
VMARK
Classification Mark State Voltage
AGND – OUTn, SENSEn – VSSKn < 5mV
l
7.5
9
10
V
Mark State Current Compliance
OUTn = AGND
l
7
8
9
mV
Gate Driver
GATE Pin Pull-Down Current
Port Off, GATEn = VEE + 5V
1
mA
GATE Pin Fast Pull-Down Curre
GATEn = VEE + 5V
65
mA
GATE Pin On Voltage
GATEn – VEE, IGATEn = 1μA
l
11
14
V
Output Voltage Sense
VPG
Power Good Threshold Voltage
OUTn – VEE
l
2
2.4
2.8
V
OUT Pin Pull-Up Resistance to AGN
Port On
Port Off
l
300
2500
500
700
kΩ
kΩ
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND – VEE = 55V and VDD – DGND = 3.3V unless otherwise noted.
(Notes 3 and 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com