Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4271
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 1 Page - Analog Devices

  LTC4271 Datasheet HTML 1Page - Analog Devices LTC4271 Datasheet HTML 2Page - Analog Devices LTC4271 Datasheet HTML 3Page - Analog Devices LTC4271 Datasheet HTML 4Page - Analog Devices LTC4271 Datasheet HTML 5Page - Analog Devices LTC4271 Datasheet HTML 6Page - Analog Devices LTC4271 Datasheet HTML 7Page - Analog Devices LTC4271 Datasheet HTML 8Page - Analog Devices LTC4271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC9101-3/LTC9103
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
8/16-Port IEEE 802.3at PoE PSE Controller
with Power Management and LED Control
The LTC®9101-3/LTC9103 chipset is a 8/16-port power
sourcing equipment (PSE) controller and power man-
ager designed for use in IEEE 802.3at compliant Power
over Ethernet (PoE) systems. The LTC9101-3 manages a
user-defined system-level power budget across all ports.
Port power is automatically assigned based on system
power availability, initial physical classification and after
power up, port dynamic power consumption.
The LTC9101-3 prioritizes port power by port number (port 1
is highest priority) and automatically removes power from
lower priority ports to accommodate higher priority ports.
The LTC9101-3 features an interface to control an external
serial LED driver. LED indications include Port On, Port
Off, Port Power Denied, and Port Fault states. A Supply
Overload LED indicates system power usage is near
power limit or a port is being denied power.
The LTC9101-3 operates without a host present.
Configuration is accomplished by pin settings and I2C-
based flash programming.
The LTC9101-3 autonomously performs compliant
802.3at detection, classification power up, power on, and
fault management.
APPLICATIONS
n
Fully Compliant IEEE 802.3at (Type 2) PSE
n
Up to 16 PSE Ports
n
Fully Autonomous System-Level Power Manager
n
No Host Processor Required
n
System-Level PoE LED Controller
n
Per-Port Status and Fault LEDs
n
Supply Overload LED with Hysteresis
n
eFlash-Programmable System Settings
n
Port- and System-Level Power Thresholds
n
LED Mapping and Blink Rate
n
Port Power Priority
n
ECC-Protected eFlash and Data RAMs
n
Very High Reliability Multipoint PD Detection
n
Lowest Per-Port Power Path Dissipation
n
100mΩ Sense Resistance
n
57mΩ or Lower MOSFET RDS(ON)
n
Chipset Isolation Eliminates Isolated 3.3V Supply
n
Available in a 64-Lead 7mm × 11mm (LTC9103) and
24-Lead 4mm × 4mm (LTC9101-3) QFN Packages
n
Small Business PoE PSE Switches/Routers
All registered trademarks and trademarks are the property of their respective owners.
M1
RS1
0.1
0.1µF
0.1µF
S1B
1000pF
LTC9103
VSSK1
AGND
VEE
CPA
CNA
DPA
DNA
ID0
3.3V
VEE
LTC9101-3
VDD
GND
OVR
LEGACY
RESET
SD
PC
SUPPLY
OVERLOAD
LED
3.3V
CPD
CND
DPD
DND
SC
SD
PC
SC
DS1
STCP
SHCP
CFG2
CFG1
CFG0
3.3V
POWER
MGMT
ID1
SENSE1
GATE1
OUT1
VEE
VEE
1
2
3
6
4
5
7
8
STCP
SHCP
DS
Q7S
GND
VCC
3.3V
Q0
Q1
A0
A1
Q7
PORT 1 OUTPUT
1 OF 8 PORTS SHOWN
PORT 1 LEDs
91013 TA02
2kV
ISOLATION
G
O
1µF
100V
100V
* TO SECOND SHIFT REGISTER
**REPEAT CONNECTIONS FOR ALL PORT LED’S
*
**


Similar Part No. - LTC4271

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4271 LINER-LTC4271 Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271 Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4271 LINER-LTC4271 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LTC4271 LINER-LTC4271 Datasheet
2Mb / 28P
8-Port PSE with Digital Isolation
More results

Similar Description - LTC4271

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Linear Technology
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Texas Instruments
TPS2388 TI1-TPS2388 Datasheet
1Mb / 82P
IEEE 802.3at 8-Channel Power-over-Ethernet PSE Controller
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com