Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC4271
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 22Page - Analog Devices LTC4271 Datasheet HTML 23Page - Analog Devices LTC4271 Datasheet HTML 24Page - Analog Devices LTC4271 Datasheet HTML 25Page - Analog Devices LTC4271 Datasheet HTML 26Page - Analog Devices LTC4271 Datasheet HTML 27Page - Analog Devices LTC4271 Datasheet HTML 28Page - Analog Devices LTC4271 Datasheet HTML 29Page - Analog Devices LTC4271 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTC9101-3/LTC9103
27
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
3.3V
49.9
49.9
49.9
0.01µF
49.9
DGND
DND
DPD
CND
CPD
LTC9101-3
VDD
VEE
VEE
AGND
CPA
CNA
DPA
DNA
CAP3
EXT3
VEE
AGND
CPA
CNA
DPA
DNA
VEE
91013 F20
1µF
3.3V
CAP3
EXT3
VEE
VEE
1µF
3.3V
49.9
(4 PLACES)
0.01µF
VEE
0.01µF
0.01µF
VEE
VEE
NOTES:
1. TWO LTC9103 DEVICES ON THE HIGH-SPEED DATA INTERFACE
ARE DAISY CHAINED.
2. THE HIGH-SPEED DATA INTERFACE IS TERMINATED AT BOTH ENDS.
3. THE MAXIMUM LENGTH OF THE HIGH-SPEED DATA INTERFACE IS
16 INCHES.
4. THE HIGH-SPEED DATA INTERFACE DIFFERENTIAL IMPEDANCE IS 100.
LTC9103
LTC9103
Figure 20. LTC9101-3/LTC9103 Proprietary Direct Connection Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com