Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4271
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 7Page - Analog Devices LTC4271 Datasheet HTML 8Page - Analog Devices LTC4271 Datasheet HTML 9Page - Analog Devices LTC4271 Datasheet HTML 10Page - Analog Devices LTC4271 Datasheet HTML 11Page - Analog Devices LTC4271 Datasheet HTML 12Page - Analog Devices LTC4271 Datasheet HTML 13Page - Analog Devices LTC4271 Datasheet HTML 14Page - Analog Devices LTC4271 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC9101-3/LTC9103
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
LTC9101-3
CFG[2:0] (Pins 3, 2, 1 Respectively): Device
Configuration Inputs. Tie the configuration pins to set the
number of ports and connected LTC9103s. See DEVICE
CONFIGURATION for details.
LEGACY (Pin 5): Legacy Mode Input. Tie the LEGACY
pin to DGND for Legacy Mode Operation. Leave floating
for IEEE 802.3at compliant Operation. Legacy Mode is
continuously and globally updated based on pin state.
PC (Pin 6): LED Shift Register Parallel Capture Output.
This pin provides the parallel capture strobe for external
shift registers. PC must be followed locally by a Schmitt
trigger to drive the downstream shift registers.
CAP[2:1] (Pins 7, 23 Respectively): Core Power Supply
Bypass Capacitors. Connect each pin to a 1µF capacitance
to DGND for the internal 1.2V regulator bypass. Do not
use other capacitor values. Do not source or sink current
from this pin.
CPD (Pin 8): Clock Transceiver Positive Input Output
(Digital). Connect to CPA through a data transformer.
CND (Pin 9): Clock Transceiver Negative Input Output
(Digital). Connect to CNA through a data transformer.
DPD (Pin 10): Data Transceiver Positive Input Output
(Digital). Connect to DPA through a data transformer.
DND (Pin 11): Data Transceiver Negative Input Output
(Digital). Connect to DNA through a data transformer.
VDD (Pins 12, 19, 24): VDD IO Power Supply. Connect
to a 3.3V power supply relative to DGND. Each VDD pin
must be locally bypassed with at least a 0.1µF capacitor.
A 10µF bulk capacitor must be connected across VDD for
increased surge immunity.
SD (Pin 13): LED Shift Register Data Output. This pin
provides the data for external shift registers. SD must be
followed locally by a Schmitt trigger to drive the down-
stream shift registers.
RESET (Pin 14): Reset Input, Active Low. When RESET
is low, the LTC9101-3/LTC9103 is held inactive with all
ports off and all internal registers reset. When RESET is
pulled high, the LTC9101-3/LTC9103 begins normal oper-
ation. RESET can be connected to an external capacitor
or RC network to provide a power turn-on delay. Internal
filtering of RESET prevents glitches less than 1µs wide
from resetting the LTC9101-3/LTC9103. Internally pulled
up to VDD.
OVR (Pin 15): Supply Overload Indicator Output, Active
Low. The OVR pin may be used to drive an LED through
a current limiting resistor.
SDAOUT (Pin 16): Serial Data Output, Open Drain Data
Output for the I2C Serial Interface Bus. The LTC9101-3
uses two pins to implement the bidirectional SDA func-
tion to simplify opto isolation of the I2C bus. To imple-
ment a standard bidirectional SDA pin, tie SDAOUT and
SDAIN together. See Applications Information for more
information.
SDAIN (Pin 17): Serial Data Input. High impedance data
input for the I2C serial interface bus. The LTC9101-3
uses two pins to implement the bidirectional SDA func-
tion to simplify opto isolation of the I2C bus. To imple-
ment a standard bidirectional SDA pin, tie SDAOUT and
SDAIN together. See Applications Information for more
information.
SCL (Pin 18): Serial Clock Input. High impedance clock
input for the I2C serial interface bus. The SCL pin should
be connected directly to the I2C SCL bus line. SCL must
be tied high if the I2C serial interface bus is not used.
SC (Pin 20): LED Shift Register Clock Output. This pin
provides the clock signal for external shift registers. SC
must be followed locally by a Schmitt trigger to drive the
downstream shift registers.
DGND (Pins 22, 25): Digital Ground. DGND must be con-
nected to the return from the VDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com