Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4271
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 5 Page - Analog Devices

  LTC4271 Datasheet HTML 1Page - Analog Devices LTC4271 Datasheet HTML 2Page - Analog Devices LTC4271 Datasheet HTML 3Page - Analog Devices LTC4271 Datasheet HTML 4Page - Analog Devices LTC4271 Datasheet HTML 5Page - Analog Devices LTC4271 Datasheet HTML 6Page - Analog Devices LTC4271 Datasheet HTML 7Page - Analog Devices LTC4271 Datasheet HTML 8Page - Analog Devices LTC4271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC9101-3/LTC9103
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND – VEE = 55V and VDD – DGND = 3.3V unless otherwise noted.
(Notes 3 and 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Sense
VLIM
Active Current Limit
OUTn – VEE < 10V
Class 0 – Class 3
Class 4
40
80
42.5
85
45
90
mV
mV
VINRUSH
Active Current Limit, Inrush
OUTn – VEE < 30V (Note 14)
40
42.5
45
mV
VHOLD
DC Disconnect Sense Voltage
SENSEn – VSSK
l
500
700
900
µV
VSC
Short-Circuit Sense
SENSEn – VSSKn – VLIM
60
mV
Digital Interface
VILD
Digital Input Low Voltage
LEGACY, RESET, CFGn (Note 6)
l
0.8
V
I2C Input Low Voltage
SCL, SDAIN (Note 6)
l
1.0
V
VIHD
Digital Input High Voltage
(Note 6)
l
2.2
V
Digital Output Low Voltage
ISDAOUT = 3mA, IOVR = 3mA
ISDAOUT = 5mA, IOVR = 5mA
l
l
0.4
0.7
V
V
LED Driver Output Pull-Up to VDD
SC, SD, PC
l
46
50
58
kΩ
LED Driver Output Pull-Down to DGND
SC, SD, PC
l
46
50
58
kΩ
LED Shift Driver Clock Frequency
(Note 7)
40
kHz
Parallel Capture Clock Frequency
(Note 7)
526
Hz
tPC_CLK
Parallel Capture Clock Period
(Note 7)
1.9
ms
Internal Pull-Up to VDD
LEGACY, RESET, CFG2
50
kΩ
Internal Pull-Down to DGND
CFG0
50
kΩ
EXT3 Pull-Down to VEE
50
kΩ
IDn Internal Pull-Up to CAP4
V(IDn) = 0V
5
μA
PSE Timing Characteristics (Note 7)
tDET
Detection Time
Beginning to End of Detection
l
380
500
ms
tCEV
Class Event Duration
l
6
15
20
ms
tCEVON
Class Event Turn On Duration
CPORT = 0.6μF
l
0.1
ms
tCLASS
Class Event ICLASS Measurement Timing
l
6
ms
tME1
Mark Event Duration (Except Last Mark Event) (Note 10)
l
6
9.6
12
ms
tME2
Last Mark Event Duration
(Note 10)
l
6
20
ms
tPON
Power On Delay
From End of Valid Detect to End of Valid
Inrush
l
400
ms
tED
Fault Delay
From Power On Fault to Next Detect
l
2.4
3
3.6
s
tSTART
Maximum Current Limit Duration During
Inrush
l
50
60
75
ms
tCUT
Maximum Overcurrent Duration After Inrush
l
50
60
75
ms
Maximum Overcurrent Duty Cycle
l
5.8
6.3
6.7
%
tLIM
Maximum Current Limit Duration After Inrush
l
10
15
20
ms
tMPS
Maintain Power Signature (MPS) Pulse Width
Sensitivity
Current Pulse Width to Reset Disconnect
Timer (Note 8)
l
6
ms
tDIS
Maintain Power Signature (MPS) Dropout
Time
(Note 5)
l
320
370
400
ms
Minimum Pulse Width for RESET
l
4.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com