Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4271
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 2Page - Analog Devices LTC4271 Datasheet HTML 3Page - Analog Devices LTC4271 Datasheet HTML 4Page - Analog Devices LTC4271 Datasheet HTML 5Page - Analog Devices LTC4271 Datasheet HTML 6Page - Analog Devices LTC4271 Datasheet HTML 7Page - Analog Devices LTC4271 Datasheet HTML 8Page - Analog Devices LTC4271 Datasheet HTML 9Page - Analog Devices LTC4271 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC9101-3/LTC9103
6
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C Timing (Figure 4, Note 7 and 9)
fSCLK
Clock Frequency
l
1
MHz
t1
Bus Free Time
l
480
ns
t2
Start Hold Time
l
240
ns
t3
SCL Low Time
l
480
ns
t4
SCL High Time
l
240
ns
t5
SDAIN Data Hold Time
l
60
ns
Data Clock to SDAOUT Valid
l
250
ns
t6
Data Set-Up Time
l
80
ns
t7
Start Set-Up Time
l
240
ns
t8
Stop Set-Up Time
l
240
ns
tr
SCL, SDAIN Rise Time
l
120
ns
tf
SCL, SDAIN Fall Time
l
60
ns
SCL Fall to ACK Low
l
250
ns
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND – VEE = 55V and VDD – DGND = 3.3V unless otherwise noted.
(Notes 3 and 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This chipset includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 140°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative.
Note 4: The LTC9103 operates with a negative supply voltage (with
respect to AGND). To avoid confusion, voltages in this data sheet are
referred to in terms of absolute magnitude.
Note 5: tDIS is the same as tMPDO defined by IEEE 802.3.
Note 6: The LTC9101-3 digital interface operates with respect to DGND. All
logic levels are measured with respect to DGND.
Note 7: Guaranteed by design, not subject to test.
Note 8: The IEEE 802.3 defines MPS as the set of minimum PSE and PD
input current requirements to maintain power. An LTC9101-3/LTC9103
port resets its MPS timer when VSENSEn – VSSKn ≥ VHOLD for tMPS and
removes port power when VSENSEn – VSSKn ≥ VHOLD for a period longer
than tDIS. See Disconnect section.
Note 9: Values Measured at VIHD.
Note 10: Load characteristics of the LTC9103 during Mark: 7V < (AGND –
VOUTn) < 10V.
Note 11: The I2C device address is fixed in software with a factory-default
value of 0x20 (7-bit address b0100000). The state of the AD[3:0] bits may
be reconfigured through a user-defined Configuration package. See Bus
Addressing.
Note 12: Do not source or sink current from CAP1, CAP2, CAP3 and CAP4.
Note 13: Port current and port power measurements depend on sense
resistor value (0.1Ω typical). See External Component Selection for details.
Note 14: See Inrush Control for details on inrush threshold selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com