Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4271
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 6Page - Analog Devices LTC4271 Datasheet HTML 7Page - Analog Devices LTC4271 Datasheet HTML 8Page - Analog Devices LTC4271 Datasheet HTML 9Page - Analog Devices LTC4271 Datasheet HTML 10Page - Analog Devices LTC4271 Datasheet HTML 11Page - Analog Devices LTC4271 Datasheet HTML 12Page - Analog Devices LTC4271 Datasheet HTML 13Page - Analog Devices LTC4271 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC9101-3/LTC9103
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
LTC9103
CAP3 (Pin 1): Analog Internal 3.3V Power Supply Bypass
Capacitor. Connect a 1µF ceramic cap to VEE. A 3.3V power
supply may be connected to this pin to improve power
supply efficiency. The EXT3 pin must be pulled to CAP3
to shut off the internal 3.3V regulator if power is supplied
externally. Do not source or sink current from this pin.
EXT3 (Pin 2): External 3.3V Enable. Connect the EXT3
pin to CAP3 to shut off the internal 3.3V regulator when
power is supplied externally. Float or connect to VEE for
internal regulator operation.
VSSK[8:1] (Pins 47, 46, 39, 38, 15, 14, 7, 6
Respectively): Kelvin Sense to VEE. Connect VSSKn to
VEE side of sense resistor for port n through a 0.1Ω resis-
tor. Do not connect directly to VEE plane. See Kelvin Sense
Layout Requirements.
SENSE[8:1] (Pins 48, 45, 40, 37, 16, 13, 8, 5
Respectively): Current Sense Input, Port n. SENSEn mon-
itors the external MOSFET current via a 0.1Ω sense resis-
tor between SENSEn and VSSKn. If the voltage across the
sense resistor reaches the current limit threshold ILIM, the
GATEn pin voltage is lowered to maintain constant current
in the external MOSFET. See Applications Information for
further details. If the port is unused, tie SENSEn to VEE.
OUT[8:1] (Pins 49, 44, 41, 36, 17, 12, 9, 4 Respectively):
Output Voltage Monitor, Port n. Connect OUTn to the
output port. A current limit fold-back circuit limits the
power dissipation in the external MOSFET by reducing the
current limit threshold when the drain-to-source voltage
exceeds 10V. A 500k resistor is connected internally from
OUTn to AGND when the port is idle. If the port is unused,
the OUTn pin must float.
GATE[8:1] (Pins 50, 43, 42, 35, 18, 11, 10, 3
Respectively): Gate Drive, Port n. Connect GATEn to the
gate of the external MOSFET for port n. When the MOSFET
is turned on, the gate voltage is driven to 12V (typ) above
VEE. During a current limit condition, the voltage at GATEn
will be reduced to maintain constant current through the
external MOSFET. If the fault timer expires, GATEn is
pulled down, turning the MOSFET off and raising a port
fault event. If the port is unused, the GATEn pin must float.
ID[1:0] (Pin 52, 51 respectively): Transceiver ID. Sets
the address of the LTC9103 on the multidrop high-speed
data interface. ID numbering must start at 00b. Tie high
by connecting to CAP3. Tie low by connecting to VEE. The
first LTC9103 must have address 00b and, if present, the
second must have address 01b.
PWRIN (Pin 55): Startup Regulator Bypass and External
Low Voltage Supply Input. Power for the internal 4.3V
and 3.3V internal supplies. An internal regulator maintains
the voltage of this pin above 6V. An external resistor or
supply may be connected to this node to improve the
power efficiency of the LTC9103. Connect a 1µF capacitor
between this pin and VEE.
AGND (Pin 56): Analog Ground.
PWRMD[1:0]  (Pin  57, 58 Respectively):  Maximum
Power Mode Input. These pins must be left unconnected
for all LTC9101-3/LTC9103 applications.
CAP4 (Pin 59): Analog Internal 4.3V Power Supply
Bypass Capacitor. Connect a 1µF ceramic cap to VEE. Do
not source or sink current from this pin.
VEE (Pins 60, 65): Main PoE Supply Input. Connect to a
–51V to –57V supply, relative to AGND.
DNA (Pin 61): Data Transceiver Negative Input Output
(Analog). Connect to DND through a data transformer.
DPA (Pin 62): Data Transceiver Positive Input Output
(Analog). Connect to DPD through a data transformer.
CNA (Pin 63): Clock Transceiver Negative Input Output
(Analog). Connect to CND through a data transformer.
CPA (Pin 64): Clock Transceiver Positive Input Output
(Analog). Connect to CPD through a data transformer.
Common Pins
NC, DNC (LTC9101-3 Pin 4, 21; LTC9103 Pins 19-34,
53, 54: All pins identified with “NC” or “DNC” must be
left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com