Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4271
Description  8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 3Page - Analog Devices LTC4271 Datasheet HTML 4Page - Analog Devices LTC4271 Datasheet HTML 5Page - Analog Devices LTC4271 Datasheet HTML 6Page - Analog Devices LTC4271 Datasheet HTML 7Page - Analog Devices LTC4271 Datasheet HTML 8Page - Analog Devices LTC4271 Datasheet HTML 9Page - Analog Devices LTC4271 Datasheet HTML 10Page - Analog Devices LTC4271 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC9101-3/LTC9103
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
802.3af Power On Sequence
802.3at Power On Sequence
Inrush Current Limit (Note 14)
Power-On Current Limits
ILIM vs Temperature
Classification Current Compliance
Port Current Measurement
Port Current Measurement
vs Temperature
VEE Measurement
FORCED CURRENT
DETECTION
VEE = –55V
CLASS 3 PD
VEE
50ms/DIV
–60
–10
–20
–30
–40
–50
0
91013 G01
FORCED VOLTAGE
DETECTION
802.3af
CLASSIFICATION
POWER ON
AGND
(RSENSE = 0.1Ω unless otherwise specified.)
FORCED CURRENT
DETECTION
VEE = –55V
CLASS 4 PD
VEE
50ms/DIV
–60
–10
–20
–30
–40
–50
0
91013 G02
FORCED VOLTAGE
DETECTION
802.3at
CLASSIFICATION
POWER ON
AGND
OUTn – VEE (V)
0
11
22
33
44
55
0
20
40
60
80
100
120
0
200
400
600
800
1000
1200
91013 G03
AGND – VEE = 55V
CLASS 0–3
CLASS 4
OUTn – VEE (V)
0
11
22
33
44
55
0
20
40
60
80
100
120
0
200
400
600
800
1000
1200
91013 G04
AGND – VEE = 55V
OUTn = VEE
TA (°C)
–40 –20
0
20
40
60
80
100
40
41
42
43
44
45
400
410
420
430
440
450
91013 G05
CLASSIFICATION CURRENT (mA)
SENSEn – VSSKn (mV)
0
0
20
2
4
6
40
60
80
8
100(mA)
10(mV)
–20
–16
–12
–8
–4
0
91013 G06
N = 4488
µ = 89.610
σ = 0.252
SENSEn – VSSKn = 89.6mV
24.98µV/LSB
MEASUREMENT (mV)
88.1
88.6
89.1
89.6
90.1
90.6
91.1
0
100
200
300
400
500
600
700
91013 G07
SENSEn – VSSKn = 100mV
24.98µV/LSB
TA (°C)
–40 –20
0
20
40
60
80
100
99.6
99.8
100.0
100.2
100.4
100.6
100.8
91013 G08
N = 364
µ = 54.998
σ = 0.058
AGND – VEE = 55V
10.01mV/LSB
MEASUREMENT (V)
54.7
54.8
54.9
55.0
55.1
55.2
55.3
0
5
10
15
20
25
30
91013 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com