Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 975 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 975 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 971Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 972Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 979Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 975 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-51
17
NAIE
Nonsensical ackID error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
18
IRFIE
Illegal request fields error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
19
URDIE
Unexpected request data error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
20
URIE
Unsupported request error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
21
URSIE
Unexpected request size error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
22
IWRIE
Illegal write request error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
23
IRSFIE
Illegal response fields error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
24
IRTIE
Illegal response type error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
25
BRRIE
Bad read response error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
26
BWRIE
Bad write response error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
27
URSSIE Unexpected response data size error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
28
URESIE Unsolicited response without data error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
29
URSDIE Unsolicited response with data error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
30
MERIE
Message error response error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
31
MDFIE
Message descriptor fetch error interrupt enable
0 Interrupt enabled
1 Interrupt disabled
Table 17-43. PNFEIER Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com