Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 977 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 977 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 973Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 979Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 980Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 981Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 977 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
17-53
Table 17-45 describes the fields of the EPCR0.
17.3.2.3.6 Error Packet Capture Register 1 (EPCR1)
EPCR1 captures a portion of an inbound packet that caused a port notification or a fatal error. The
format of the EPCR1 contents vary subject to the packet format type as captured in EPCR0[PFT].
The various content formats of EPCR1 are described in Section 17.3.2.3.7, “EPCR1—Type 1
Packet Format,” through Section 17.3.2.3.15, “EPCR1—Type 13 Packet Format.”
17.3.2.3.7 EPCR1—Type 1 Packet Format
Figure 17-44 describes EPCR1 for a type 1 packet format (EPCR0[PFT] = 1).
Figure 17-44. Error Packet Capture Register 1 (EPCR1)—Type 1 Packet Format
Table 17-45. EPCR0 Field Descriptions
Bits
Name
Description
0
S
S-bit of the packet
1–3
A
AckID field of a packet
4
R
These bits correspond to bits 4–7 of a packet header. In the packet definition bit 4 is a reserved packet
field, bit 5 is S-complement, and bits 6 and 7 are reserved packet fields. (Bits 4, 6 and 7 are reserved
packet fields, not reserved register fields.)
5
¬S
6–7
R
8–9
P
Priority field of a packet
10–11
TT
Transport type field of a packet
12–15
PFT
Packet format type field of a packet
16–23
DID
Destination ID field of a packet
24–31
SID
Source ID field of a packet
03
47
8
15 16
23 24
31
R
TRANS
RDSZ
STID
SECID
SECTID
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_0E14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com