Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 978 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 978 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 974Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 979Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 980Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 981Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 982Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 978 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
17-54
Freescale Semiconductor
RapidIO Interface
Table 17-46 describes the EPCR1 fields for a type 1 packet format (EPCR0[PFT] = 1).
17.3.2.3.8 EPCR1—Type 2 Packet Format
Figure 17-45 describes the EPCR1 for a type 2 packet format (EPCR0[PFT] = 2).
Figure 17-45. Error Packet Capture Register 1 (EPCR1)—Type 2 Packet Format
Table 17-47 describes the EPCR1 fields for a type 2 packet format (EPCR0[PFT] = 2).
17.3.2.3.9 EPCR1—Type 5 Packet Format
Figure 17-46 describes the EPCR1 for a type 5 packet format (EPCR0[PFT] = 5).
Figure 17-46. Error Packet Capture Register 1 (EPCR1)—Type 5 Packet Format
Table 17-46. EPCR1 Type 1 Field Descriptions
Bits
Name
Description
0–3
TRANS
Transaction field of a packet
4–7
RDSZ
Read size
8–15
STID
Source transaction ID
16–23
SECID
Secondary source ID
24–31
SECTID Secondary transaction ID
03
47
8
15 16
31
R
TRANS
RDSZ
STID
000
00
000
00
000
00
0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_0E14
Table 17-47. EPCR1
Type 2 Field Descriptions
Bits
Name
Description
0–3
TRANS Transaction field of a packet
4–7
RDSZ
Read size
8–15
STID
Source transaction ID
16–31
—
Reserved
03
4
7
8
15 16
31
R
TRANS
WRSZ
STID
0
000
000
0000
000
00
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0xD_0E14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com