Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 2Page - Texas Instruments TLS2205 Datasheet HTML 3Page - Texas Instruments TLS2205 Datasheet HTML 4Page - Texas Instruments TLS2205 Datasheet HTML 5Page - Texas Instruments TLS2205 Datasheet HTML 6Page - Texas Instruments TLS2205 Datasheet HTML 7Page - Texas Instruments TLS2205 Datasheet HTML 8Page - Texas Instruments TLS2205 Datasheet HTML 9Page - Texas Instruments TLS2205 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, DVCC, AVCC, SPNVCC, VCMVCC
4.5
5
5.5
V
High-level input voltage, VIH
SCLK, SDATA, AUXIN, MTRCLK, PORN,
3.5
DVCC+0.3
V
Low-level input voltage, VIL
,
,
,
,,
HU, HV, HW, SPSZ
1.5
V
Setup time, tsu
Level change on SDATA or SPSZ before
SCLK
25
ns
Speed reference clock frequency
1
12
MHz
Speed reference clock duty cycle
MTRCLK
25%
50%
75%
Speed reference clock duration
20.8
41.6
62.5
ns
Clock frequency
1
10
MHz
Clock duty cycle
SCLK
25%
50%
75%
Pulse duration, tw
25
50
75
ns
Operating free-air temperature, TA
0
70
C
Operating virtual junction temperature, TJ
0
150
C
electrical characteristics over recommended supply voltage range, TA = 25 C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output voltage, VOH
IO = 5 A
3.5
V
Low-level output voltage, VOL
IO = 5 A
1.5
V
Operating supply current, ICC
DVCC AVCC
20
mA
Sleep supply current, ICC
DVCC, AVCC
3
mA
High-level input current, IIH
1
A
Low-level input current, IIL
– 1
A
voltage and temperature monitor electrical characteristics over recommended supply voltage
range, TA = 25 C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power-on-reset voltage
1.21
V
Power-on-reset sense bias current
UV
100
nA
Hysteresis
25
mV
Internal power-on-reset threshold voltage, AVCC
4
V
Power-on-reset timing voltage
CPOR
See Note4
1.21
V
Power-on-reset timing current
CPOR
See Note 4
5
A
Output voltage
PORN
IPORN= 1 mA
0.4
0.8
V
Output leakage current
PORN
10
A
Charge-pump voltage-tripler output voltage
VDD
12
13
15
V
Charge-pump voltage-tripler output voltage load regulation
See Note 5
0.25
V/ A
Thermal shutdown hysteresis
20
mV
Voltage monitor accuracy
10 %
Thermal shutdown temperature
160
C
NOTES:
3. PORN reset timing is time reset = CCPOR (VCPOR/ICPOR).
4.VDD can be used to drive external NMOS switches; however, the effective dc loading should be less than 1 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com