Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 20Page - Texas Instruments TLS2205 Datasheet HTML 21Page - Texas Instruments TLS2205 Datasheet HTML 22Page - Texas Instruments TLS2205 Datasheet HTML 23Page - Texas Instruments TLS2205 Datasheet HTML 24Page - Texas Instruments TLS2205 Datasheet HTML 25Page - Texas Instruments TLS2205 Datasheet HTML 26Page - Texas Instruments TLS2205 Datasheet HTML 27Page - Texas Instruments TLS2205 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
24
PRINCIPLES OF OPERATION
Port-C system control bit definitions (continued)
SPNMODE
SPNMODE is used to determine whether the spindle charge pump or DAC is driving the spindle-control
amplifiers. When SPNMODE is asserted, the spindle current is controlled by the DAC.
COMM
The COMM bit is used to commutate the spindle driver in the start mode. For every low-to-high state change,
the spindle inverter advances one step.
UPOLAR
UPOLAR controls the spindle-motor drive mode. When this bit is low, the TLS2205 drives the motor in a standard
bipolar mode. When this bit is high, CTDRV is switched low and the internal high-side drivers are disabled. An
external pnp transistor can be switched on using CTDRV, and the device operates in the unipolar mode.
NHALLS
The NHALLS bit controls which commutation mode is used by the spindle-control logic. When this bit is 0, the
TLS2205 uses the Hall sense inputs (HU, HV, HW) to directly commutate the spindle motor. When this bit is 1,
the TLS2205 switches into the back-EMF commutation mode. The Hall inputs have no meaning in the back-EMF
commutation mode. However, the Hall logic inputs determine the motor inverter power-up initial state. The Hall
inputs are internally tied low.
START
This bit controls the spindle-motor driver logic inputs and auxiliary I/O signals (see Table 7).
SPNENA
The SPNENA bit enables the spindle-motor drivers. The charge-pump control path (SPNCOMP) is not affected
by this bit. When this bit is 0, the spindle-motor power drivers are disabled (motor phases U, V, W are Hi-Z) but
not powered down. When this bit is 1, the spindle drivers are enabled.
AUXIN/AUXOUT functional description
Port-C controls (for spindle-motor operation in back-EMF mode)
The spindle-motor operation modes are shown in the description section of Table 7. To fully understand this
figure, the functional block diagram must be used in conjunction with port C.
As an example:
1.
To start the drive (START MODE), START (bit 1) = 0, AUX1 (bit 10) = 1, and AUX0 (bit 9) = 1. As a result,
Phase is the signal seen on the internal PCLK line, SCK is the signal seen on the internal PADV line, and
NHphase is the signal seen at AUXOUT.
2.
Once the spindle is spinning at approximately 20% of rated speed, the drive is switched into RUN
MODE 0 (START = 0, AUX1 = 0, and AUX0 = 0). As a result, phase is the signal seen on the internal
PCLK line and NHphase is the signal seen on the internal PADV line and at AUXOUT.
3.
After the spindle reaches operational speed, the drive is switched into RUN MODE 3 (START = 0,
AUX1 = 1, AUX0 = 1). As a result, AUXIN is the signal seen on the internal PCLK line, NHphase is the
signal seen on the internal PADV line, and Fspn is the signal seen at AUXOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com