Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 1 Page - Texas Instruments

  TLS2205 Datasheet HTML 1Page - Texas Instruments TLS2205 Datasheet HTML 2Page - Texas Instruments TLS2205 Datasheet HTML 3Page - Texas Instruments TLS2205 Datasheet HTML 4Page - Texas Instruments TLS2205 Datasheet HTML 5Page - Texas Instruments TLS2205 Datasheet HTML 6Page - Texas Instruments TLS2205 Datasheet HTML 7Page - Texas Instruments TLS2205 Datasheet HTML 8Page - Texas Instruments TLS2205 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
– 0.4-A MOS H-Bridge Power Amplifier
– No Crossover Distortion
– Precision VCM Control Loop With External Sense
Resistor
– Internal 8-Bit Control DAC With Four Gain Ranges
– Controlled-Velocity Head Retract
– Compensation Adjust Terminals for Bandwidth
Control
– Capability for External Velocity Feedback
– Low rDS(on), 2 Total
– No External Retract Power Supply Isolation
Components Required
– Hall- or Back-EMF Commutation Circuitry
– 3-Phase Driver With 1.3-A MOS Output
– Bipolar or Unipolar Drive Modes
– Programmable Frequency-Locked Speed
Control Loop
– Programmable Start-Up Current
– Linear Spindle Current Control
– Low rDS(on), 1.3 Total
– Sector Data Tachometer Signal Input
(Optional)
– Speed Sense Tachometer Output
– Internal Schottky Diodes for Retract Power
Source
– Controlled Brake Function
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
1993, Texas Instruments Incorporated
1
Single-Chip Voice-Coil Motor Driver and
Spindle-Motor Driver
Precision Dual-Voltage Monitor
Operates From Single 5-V Supply
LinBiCMOS
Technology
Low Power Dissipation
Internal Overtemperature Shutdown
Circuitry
Low-Profile 56-Terminal DL Package and
64-Terminal PM Package Available
4-V Reference Buffer
System Power-On Reset
Monotonic 8-Bit DAC
description
The TLS2205 is a combination voice-coil and
spindle-motor
driver
with
voltage
monitor
integrated circuit. This circuit is designed for
small-form-factor, high-performance hard disk
drives. The TLS2205 integrates a three-phase
brushless dc motor driver with a linear full-bridge
voice-coil driver. Additional circuitry is added for
power-up and power-down sequencing of the
driver amplifiers used for motor speed control. A
brake function can be invoked on the spindle
motor after the head is in a safe landing zone.
External sense resistors are used for precision
spindle motor and VCM current monitoring.
Automatic head retract is provided for voltage or
thermal fault conditions. The TLS2205 operates
with only 5 V of supply voltage and has a
sleep-mode option for low-power applications. All
device functions are controlled from a three-wire serial port. Device packaging is a 56-terminal DL or 64-terminal
PM package. Center pins are tied to the die mount tab for improved heat dissipation on both packages.
Voice-Coil Motor Driver
Spindle-Motor Driver
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
SCLK
SDATA
SPSZ
PORN
UV
CPOR
NC
NC
AVCC
VDD
VCMGND
VCMA
SPNGND
SPNGND
SPNGND
SPNGND
VCMB
VCMVCC
AGND
RETOUT
RETSET
NC
RSENP
RSENN
CMPI
CMPO
VIVCM
VCMREF
MTRCLK
DVCC
AUXIN
AUXOUT
NC
HU
HV
HW
DGND
U
SPNVCC
SPNSNSR2
SPNGND
SPNGND
SPNGND
SPNGND
SPNSNSR1
V
W
CRET
REFBUF
SPNCOMP
CTS
VPHASE
COMDLY2
COMDLY1
SPNSW
CTDRV
DL PACKAGE
(TOP VIEW)
SUBSTRATE
GROUND
AND
HEAT SINK
NC
– No internal connection
LinBiCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLS2205

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
TLS2200 BRADY-TLS2200 Datasheet
619Kb / 1P
Metallized Polyester Labels (B-428, B-435, B-486)
TLS2200 BRADY-TLS2200 Datasheet
359Kb / 1P
TLS2200® Labeling System
TLS2200 BRADY-TLS2200 Datasheet
408Kb / 1P
TLS 2200® Thermal Labeling System
TLS2200-AC BRADY-TLS2200-AC Datasheet
359Kb / 1P
TLS2200® Labeling System
TLS2200-AC BRADY-TLS2200-AC Datasheet
408Kb / 1P
TLS 2200® Thermal Labeling System
More results

Similar Description - TLS2205

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
logo
STMicroelectronics
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
VOICE COIL MOTOR DRIVER
Jul-1996
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
VOICE COIL MOTOR DRIVER
Feb-1998
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
VOICE COIL MOTOR DRIVER
logo
Fairchild Semiconductor
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
12V Spindle Motor and Voice Coil Motor Driver
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
VOICE COIL MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
12V Spindle Motor and Voice Coil Motor Driver
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
12V Spindle Motor and Voice Coil Motor Driver IC
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com