Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 14Page - Texas Instruments TLS2205 Datasheet HTML 15Page - Texas Instruments TLS2205 Datasheet HTML 16Page - Texas Instruments TLS2205 Datasheet HTML 17Page - Texas Instruments TLS2205 Datasheet HTML 18Page - Texas Instruments TLS2205 Datasheet HTML 19Page - Texas Instruments TLS2205 Datasheet HTML 20Page - Texas Instruments TLS2205 Datasheet HTML 21Page - Texas Instruments TLS2205 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
18
PRINCIPLES OF OPERATION
Count_Enable
Fspn
Fref
Up
Count_Clear
Speed Up
Slow Down
Down
Speed
Detect
Kt
Js
Motor
Ispindle
VSPNCOMP
/12 or /18
1440 Hz @ Fspn = 3600 RPM
Fspn
Fref
Up
Down
Charge
Pump
/2
/8
Padv
MTRCLK
Count_Enable
Count_Clear
GA
Time-Difference
Detector
8-Pole Motor
(/R) + 1
0<R<2047
SPNCOMP
NOTE: Area within dotted line is internal to the device
Cspn2
Cspn1
Rspn
SPNSW
SPNMODE
Figure 7. Spindle-Control Loop Block Diagram and Timing Waveforms
serial port
The TLS2205 serial port is designed to receive 16-bit data in three-wire serial format and distribute the data to
internal data and control ports. The serial-port interface is designed to be compatible with the Texas Instruments
TMS320C2x digital signal processor (DSP) family or standard 8- or 16-bit microprocessors. Data can be
transmitted in either 8- or 16-bit format. The data is sent MSB first for the 16-bit word. The first four MSBs
determine the port address. The other 12 bits are used for data or port control functions. The first two MSBs must
both be 0 to select the device. The received data is routed to one of three internal 12-bit register ports. Port A
controls the VCM DAC and gain range of eight data bits with four gain ranges. Port B is used to set the spindle
reference counter. Port C is used for system controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com