Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 4Page - Texas Instruments TLS2205 Datasheet HTML 5Page - Texas Instruments TLS2205 Datasheet HTML 6Page - Texas Instruments TLS2205 Datasheet HTML 7Page - Texas Instruments TLS2205 Datasheet HTML 8Page - Texas Instruments TLS2205 Datasheet HTML 9Page - Texas Instruments TLS2205 Datasheet HTML 10Page - Texas Instruments TLS2205 Datasheet HTML 11Page - Texas Instruments TLS2205 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
PRINCIPLES OF OPERATION
voltage monitor
The TLS2205 voltage-monitor circuit is designed to monitor the voltage of the system
’s 5-V power supply. The
device has an internal lockout threshold voltage of 4 V. If the power supply drops below 4 V, an internal fault is
generated and PORN goes low. In applications where a more accurate threshold is desired (greater than 4 V),
an external resistor divider may be connected to UV. If UV is not used, it must be tied to VCC (refer to
Figure 1). The following equations can be used to determine the voltage divider resistor values:
VCC(trip) = 1.21 / [R2 / (R1 + R2)]
where:
UV sense bias current = 10 nA
R1 is resistor connected from VCC to UV
R2 is resistor connected from UV to ground
VCC(trip) > 4 V
Hysteresis at UV
25 mV
Note:
A capacitor (Cuv1) may be considered for short-duration power loss.
The voltage monitor incorporates a deglitch timing delay circuit for applications where PORN is used to reset
the system
’s microprocessor. A delay can be implemented on PORN by connecting a capacitor between CPOR
and ground. The reset time (see Figure 2) is calculated by using the following equation:
TR = CCPOR
(VCPOR ICPOR)
where:
TR = reset time in seconds
CCPOR = capacitor value in farads
VCPOR = 1 V
ICPOR = 5 A
Figure 1 represents the voltage-monitor circuit, and Figure 2 represents the power-on reset (PORN) timing
diagram. The following is a functional overview of the voltage monitor system. (VCC(trip) = 4.2 V).
Time 1: During startup, Comp1 resets the R-S flip-flop and allows the CCPOR capacitor to start charging. As
the supply voltage increases, VCPOR becomes greater than 1.21 V (band-gap voltage), which allows
Comp2 to pull PORN high, disabling the retract control circuit.
Time 2: Time 2 represents the normal run mode. At this time, the R-S flip-flop is reset, CPOR is high, PORN
is high, and the retract control circuit is disabled.
Time 3: An external fault is generated by the microprocessor (or external device) by pulling PORN low. No other
parts of the voltage-monitor circuit are affected.
Time 4: If the system
’s supply voltage drops below the preset value (VCC(trip) = 4.2 V, see Figure 2), the
R-S flip-flop is set and allows the capacitor across CPOR to discharge. When VCPOR drops below
1.21 V, PORN is pulled low and a fault is generated that triggers the retract control circuit. Once
VCC(trip) increases above the trip level, the R-S flip-flop is reset and CCPOR begins to charge towards
VCC. After TR seconds, the voltage across CCPOR is greater than 1.21 V and the retract control circuit
is disabled along with PORN being pulled high.
Time 5: Time 5 represents the power down/emergency retract mode. If the system
’s supply voltage drops below
the preset value (VCC(trip) = 4.2 V, see Figure 2), the R-S flip-flop is set and allows the capacitor
across CPOR to discharge. When Vcpor drops below 1.21 V, PORN is pulled low and a fault is
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com