Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 19 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 15Page - Texas Instruments TLS2205 Datasheet HTML 16Page - Texas Instruments TLS2205 Datasheet HTML 17Page - Texas Instruments TLS2205 Datasheet HTML 18Page - Texas Instruments TLS2205 Datasheet HTML 19Page - Texas Instruments TLS2205 Datasheet HTML 20Page - Texas Instruments TLS2205 Datasheet HTML 21Page - Texas Instruments TLS2205 Datasheet HTML 22Page - Texas Instruments TLS2205 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
19
PRINCIPLES OF OPERATION
serial-port timing
The TLS2205 is designed to receive data in four basic formats: TMS320C2x burst mode, TMS320C2x
continuous mode, 8-bit microprocessor format mode, and 16-bit microprocessor format mode.
The serial port uses three control lines: SCLK (serial-port clock), SDATA (serial-port data), and SPSZ (serial-port
select not). The SCLK line is a serial data clock with data rates up to 12 MHz; SCLK should have a 50% duty
cycle. The SDATA line is the actual serial data input and must be synchronous with the leading edge of SCLK.
SPSZ is the serial-port select input and is internally tied low to be synchronous with the leading edge of SCLK.
If the TMS320C2x DSP is used in burst or continuous modes, the following bits in the ST1 register should be
set (1) or reset (0) as indicated:
BIT NAME
BIT #
SET/RESET
RESULT
TXM (transmit mode)
2
1
FSX is configured as an output
FO (format)
3
0
16-bit mode selected
FSM (framing sync)
5
1
A framing sync is generated
Refer to the TMS320C2x User
’s Guide for further details.
burst mode
In the serial-port burst-mode operation, transfers are separated in time by periods of no serial-port activity (the
serial port does not operate continuously). For burst-mode operation, the SPSZ line must be low on the
negative-going edge of SCLK before data is read in; then 16 data bits can be read in. All continuing data bits
are ignored until the SPSZ line is toggled from low to high to low. Then data is valid on the first negative-going
clock. See Figure 8 for details.
SCLK
SPSZ
SDATA
Frame Sync
ID1
12 Data Bits
Device
Port
ID0 PT1 PT0 SR11 SR10
SR11
SR9 SR8 SR7 SR6 SR5 SR4 SR3 SR2 SR1 SR0
ID1
ID0 PT1 PT0
NOTE: ID1 must be the first bit shifted into the register; after 15 shifts, the TLS2205 is selected and the desired port is loaded with valid data.
Figure 8. Serial-Port Burst-Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com