Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 6Page - Texas Instruments TLS2205 Datasheet HTML 7Page - Texas Instruments TLS2205 Datasheet HTML 8Page - Texas Instruments TLS2205 Datasheet HTML 9Page - Texas Instruments TLS2205 Datasheet HTML 10Page - Texas Instruments TLS2205 Datasheet HTML 11Page - Texas Instruments TLS2205 Datasheet HTML 12Page - Texas Instruments TLS2205 Datasheet HTML 13Page - Texas Instruments TLS2205 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10
PRINCIPLES OF OPERATION
voice-coil driver system
The voice-coil full-bridge power amplifier is capable of
0.4-A output current and has a total drain-to-source
on-state resistance (2
rDS(on)) of 2 . The voice-coil control system includes a precision current-sense
amplifier that detects load current with a single resistor in series with the voice-coil motor (VCM). The VCM
current is commanded via serial port A. Full-scale current is controlled by the value of the VCM current sense
resistor (Rsvcm). The retract control circuitry is fully integrated and does not require external isolation of the
device power supply terminals such as an external isolation transistor/diodes. Voice-coil driver auxiliary digital
control functions include an output-disable and low-power sleep mode following a retract of the VCM to the
landing zone. During a fault condition, the VCM drivers are disabled.
VCM current control
The voice-coil motor current is controlled by an internal 8-bit digital-to-analog converter (DAC), four adjustable
gain ranges, and the external current-sense resistor (Rsvcm). The four gain ranges (see functional block
diagram) are system dependent and provide the current needed to ensure that the head assembly swings
across the whole platter. Selecting one of the four gain ranges is accomplished via port A, bits 8 and 9 (see
Table 1 for gain settings and Table 4 for bit definitions). During the start mode, the 8-bit DAC is used to start the
spindle (see Figure 5). In the run mode, the 8-bit DAC is used to program the VCM current. Port A (bits 0
–7)
controls the 8-bit DAC (see Table 4). The VCM current-control equation is given as follows:
IVCM = IX [ B7 + 1/2 B6 + 1/4 B5 + 1/8 B4 + 1/16 B3 + 1/32 B2 + 1/64 B1 + 1/128 B0–1] [A]
where:
IX = (Vref
G) /(16
Rsvcm)
IX (+ full scale) at V = $FF
IX (– full scale) at V = $00
Vref (the internal system voltage reference) = 2 V
Rsvcm (the external VCM current sense resistor) typically 0.47
1%
G (the VCM current gain scale)
B0
–B7 (port-A control bits)
Maximum VCM current is load dependent. The following equation should be used as a guideline to determine
maximum VCM current:
IVCMmax = VCCmax / Rtotal
where:
VCCmax = 5.5 V
Rtotal = Rsvcm + 2
rDS(on) + Rvcm
Table 1. VCM Gain-Range Scale Truth Table
GAIN SWITCH SETTING
(see functional block diagram)
SERIAL PORT A GAIN SETTINGS
(see Table 4)
GS1
GS2
GS3
GR0
GR1
GAIN (G)
Open
Open
Open
0
0
0.250
Closed
Open
Open
0
1
0.333
Open
Closed
Open
1
0
0.500
Open
Open
Closed
1
1
1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com