Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 10Page - Texas Instruments TLS2205 Datasheet HTML 11Page - Texas Instruments TLS2205 Datasheet HTML 12Page - Texas Instruments TLS2205 Datasheet HTML 13Page - Texas Instruments TLS2205 Datasheet HTML 14Page - Texas Instruments TLS2205 Datasheet HTML 15Page - Texas Instruments TLS2205 Datasheet HTML 16Page - Texas Instruments TLS2205 Datasheet HTML 17Page - Texas Instruments TLS2205 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
14
PRINCIPLES OF OPERATION
back-EMF mode (continued)
The transfer function between COMDLY2 and VPHASE is :
Vcomdly2 =
s
(Rcom2
Ccom1)
VPHASE
[1+ s
(Rcom1
Ccom1)]
[1 + s
(Rcom2
Ccom2)]
where:
s is a Laplace operator
The component design procedures include the following:
Choose Rcom2 with a value as large as possible to permit small capacitor values. The typical value for
Rcom2 is 1 M
Calculate Ccom2 so that there is at least 45 of phase shift at the phase frequency where the TLS2205 is
switched into the internally commutated mode. The approximate value is 10% of the target frequency.
Calculate Rcom1 based on the desired COMDLY2 signal swing at the target frequency. The
recommended signal swing is 1.25 V peak. Near the target frequency the integrator function,
VCOMDLY2/VPHASE, becomes:
VCOMDLY2[Mag] =
VPHASE
1
(Rcom1
Ccom2)
(3
num motor poles/2)
Wmotor
VCOMDLY2[Phase] =
–90
VPHASE
VCOMDLY2 =
0.433
Kb
Wmotor
sin(Wmotor
t)
(Rcom1
Ccom2)
(3
num motor poles/2)
Wmotor
VCOMDLY2 =
0.433
Kb
sin(Wmotor
t)
(Rcom1
Ccom2)
(3
num motor poles/2)
The peak value of this function is independent of the frequency.
Rcom1 =
0.433
Kb
1.25
Ccom2
(3
Num Motor Poles/2)
Choose Ccom1 such that the dc-blocking pole, 1/(Rcom1
Ccom1), occurs at a frequency below the
integration pole, 1/(Rcom2 Ccom2). Typically the dc-blocking pole is placed at 1/2 the integration pole.
Where:
Wmotor = Mechanical frequency of the motor, r/s
Kb = Back-EMF constant, V/(r/s)
The internal speed-regulation feedback loop then takes control of spindle commutation, and further
microprocessor
intervention
is
not
required.
Figure
5
shows
the
timing
relationships
for
the
spindle-motor-control sequencing in both Hall and back-EMF modes. Internal logic and analog filtering provide
the commutation function in the commonly used back-EMF mode. In this mode, VPHASE (the difference
between the undriven phase and the center tap voltage) is filtered to generate a signal that determines
commutation timing (NHphase).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com