Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 25 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 21Page - Texas Instruments TLS2205 Datasheet HTML 22Page - Texas Instruments TLS2205 Datasheet HTML 23Page - Texas Instruments TLS2205 Datasheet HTML 24Page - Texas Instruments TLS2205 Datasheet HTML 25Page - Texas Instruments TLS2205 Datasheet HTML 26Page - Texas Instruments TLS2205 Datasheet HTML 27Page - Texas Instruments TLS2205 Datasheet HTML 28Page - Texas Instruments TLS2205 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
25
PRINCIPLES OF OPERATION
Table 7. Spindle-Motor Operating Modes
PORT C
AUXOUT
PCLK
PADV
START
BIT 1
AUX1
BIT 10
AUX0
BIT 9
MULTIPLEXER
OUTPUT
MULTIPLEXER
OUTPUT
MULTIPLEXER
OUTPUT
DESCRIPTION
0
0
0
NHphase
Phase
NHphase
RUN MODE0
0
0
1
NHphase
AUXIN
NHphase
RUN MODE1
0
1
0
Fspn
Phase
NHphase
RUN MODE2
0
1
1
Fspn
AUXIN
NHphase
RUN MODE3
1
0
0
Fref
AUXIN
SCK
TEST MODE0 †
1
0
1
Fref
AUXIN
SCK
TEST MODE1 †
1
1
0
Fspn
AUXIN
SCK
TEST MODE2 †
1
1
1
NHphase
Phase
SCK
START MODE
† These test modes were developed for internal chip testing.
descriptions
AUXOUT:
The auxiliary logic output multiplexer
AUXIN:
The auxiliary logic input (can be used to commutate spindle)
PCLK:
The spindle-speed feedback clock (AUXIN or phase)
PADV:
The spindle phase-advance clock (back-EMF mode)
START:
Spindle start mode (from port C, bit 1, 1 = enable)
AUX0:
Option control (from port C, bit 9)
AUX1:
Option control (from port C, bit 10)
COMM:
Commutation via serial port (from port C, bit 4)
Fspn:
The once-around signal and the frequency of PCLK divided by 12 for an 8 pole motor (bit 11
on port B set low), or divided by 18 for a 12 pole motor (bit 11 on port B set high).
Fref:
The divided output of the speed-discriminator reference frequency (MTRCLK)
Phase:
The spindle-control logic output of the spindle even states (see Figure 4, SC 0,2,4)
NHphase:
No Halls phase is the back-EMF zero-crossing clock
Hphase:
Halls-phase clock from external Hall sensors
SCK:
Start clock, AUXIN ORed with COMM (from port C, bit 4)
RUN MODE 0:
Speed feedback information comes from motor commutation, AUXOUT = NHphase
RUN MODE 1:
Speed feedback information comes from AUXIN, AUXOUT = NHphase
RUN MODE 2:
Speed feedback information comes from motor commutation, AUXOUT = Fspn
RUN MODE 3:
Speed feedback information comes from AUXIN, AUXOUT = Fspn
TEST MODE 0: AUXOUT = Fref: Fref = MTRCLK/N; N = value stored in port-B reference counter
TEST MODE 1: AUXOUT = Fref: Fref = MTRCLK/(16
N); N = same as above
TEST MODE 2: AUXOUT = Fspin: Fspin = AUXIN/12 or 18 depending on number of motor poles (port B, bit 11)
START MODE:
Spindle commutation is controlled externally via AUXIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com