Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 7Page - Texas Instruments TLS2205 Datasheet HTML 8Page - Texas Instruments TLS2205 Datasheet HTML 9Page - Texas Instruments TLS2205 Datasheet HTML 10Page - Texas Instruments TLS2205 Datasheet HTML 11Page - Texas Instruments TLS2205 Datasheet HTML 12Page - Texas Instruments TLS2205 Datasheet HTML 13Page - Texas Instruments TLS2205 Datasheet HTML 14Page - Texas Instruments TLS2205 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
11
PRINCIPLES OF OPERATION
VCM current-loop stability is accomplished using the filter at CMPI and CMPO. This filter has the following
transfer function:
(Rcmp
(Ccmp2 + Cmp1)
s + 1)
Ccmp2
s
(Rcmp
Ccmp1
s + 1)
where:
s is a Laplace operator
VCM retract
The TLS2205 integrated retract circuit eliminates the need for external power supply isolation devices. The
retract mode is triggered by the voltage monitor fault logic signal. The retract power path is coupled from the
spindle-motor back-EMF to the RETOUT MOS high-side driver via CRET. After the retract control block has
been triggered by a loss of power, the following events occur:
1.
The system control logic is reset to the power-up state. All bias is disabled (including VDD); all power
outputs are disabled.
2.
The retract control circuit locks the VCMB low-side driver on and disables the VCMB high-side driver.
3.
The retract control circuit disables the VCMA low- and high-side drivers.
4.
RETOUT is enabled, and RETSET is used to control the voltage applied to RETOUT.
The spindle back-EMF-mode voltage supplies the energy necessary to retract the VCM (see Figure 3). The
energy stored in the capacitor (CVDD) connected to VDD is used to control the RETOUT and VCMB power
devices. The value of this capacitor can be calculated based on ~ 2 A of retract-mode discharge current and
the time to retract
t the VCM. The RETOUT control equation is:
VVCMA = Vbe [1 + (Rrset1/Rrset2)]
CVDD = 2 A ( t)
VVCMA
where:
Vbe is the base-to-emitter junction voltage 0.7 V.
Example:
Assume: Rrset1 = 62 k
Rrset2 = 100 k
t = 6 ms max
Therefore: CVDD =
2 A
(5 ms)
0.7 V
(1 + 62 k /100 k )
= 0.009 F
0.01 F
t = 0.01 F
[0.7 V
(1 + 62 k /100 k )]
2 A
= 5.7 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com