Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 5Page - Texas Instruments TLS2205 Datasheet HTML 6Page - Texas Instruments TLS2205 Datasheet HTML 7Page - Texas Instruments TLS2205 Datasheet HTML 8Page - Texas Instruments TLS2205 Datasheet HTML 9Page - Texas Instruments TLS2205 Datasheet HTML 10Page - Texas Instruments TLS2205 Datasheet HTML 11Page - Texas Instruments TLS2205 Datasheet HTML 12Page - Texas Instruments TLS2205 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
PRINCIPLES OF OPERATION
_
+
Voltage Reference
VltICPORVref
VCC
Overtemperature
_
+
_
+
RQ
S
_
+
UV
VCC
R1
R2
VCC
45.6 k
20 k
VCC (enable) = 4.1 V
Comp1
Comp2
0.25 V
RDY
VCPOR
5 A
Cpor
VCC
Fault
PORN
CPOR
1.21 V
NOTE: Vlt = Low voltage threshold = 0.25 V
VCPOR = Voltage across the power-on-reset capacitor
ICPOR = Current supplied to the CPOR terminal
5 A
Vref = Reference voltage = 1.21 V
Area within the dotted line is internal to the device
Cuv1
Figure 1. Voltage Monitor Circuit
Time 1
Time 2
Time 3
Time 4
Time 5
AVCC
CPOR
PORN
5V
0V
5V
0V
5V
0V
Band-Gap Voltage = 1.21 V
Time
VCC(trip) = 4.2 V
TR = Reset Time
Figure 2. Power-On Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com