Electronic Components Datasheet Search
  English  ▼

X  

TLS2205 Datasheet(PDF) 22 Page - Texas Instruments

Part # TLS2205
Description  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLS2205 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLS2205 Datasheet HTML 18Page - Texas Instruments TLS2205 Datasheet HTML 19Page - Texas Instruments TLS2205 Datasheet HTML 20Page - Texas Instruments TLS2205 Datasheet HTML 21Page - Texas Instruments TLS2205 Datasheet HTML 22Page - Texas Instruments TLS2205 Datasheet HTML 23Page - Texas Instruments TLS2205 Datasheet HTML 24Page - Texas Instruments TLS2205 Datasheet HTML 25Page - Texas Instruments TLS2205 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
22
PRINCIPLES OF OPERATION
Table 4. Port-A Definition (VCM Control)
BIT #
NAME
DESCRIPTION
0
B0
VCM DAC control word LSB
1
B1
VCM DAC control word
2
B2
VCM DAC control word
3
B3
VCM DAC control word
4
B4
VCM DAC control word
5
B5
VCM DAC control word
6
B6
VCM DAC control word
7
B7
VCM DAC control word MSB
8
GR0
VCM gain-control LSB
9
GR1
VCM gain-control MSB
10
—
Future expansion
11
—
Future expansion
12
PT0
Port-select LSB
13
PT1
Port-select MSB
14
ID0
Device-select LSB
15
ID1
Device-select MSB
Table 5. Port-B Definition (Spindle-Speed Regulator Control Word)
BIT #
NAME
DESCRIPTION
COUNT
0
R0
Spindle reference-counter LSB
1
1
R1
Spindle reference counter
2
2
R2
Spindle reference counter
4
3
R3
Spindle reference counter
8
4
R4
Spindle reference counter
16
5
R5
Spindle reference counter
32
6
R6
Spindle reference counter
64
7
R7
Spindle reference counter
128
8
R8
Spindle reference counter
256
9
R9
Spindle reference counter
512
10
R10
Spindle reference-counter MSB
1024
11
MTR POLE
Spindle-motor pole switch (8 or 12)
0 = 8 pole, 1 = 12 pole
12
PT0
Port-select LSB
13
PT1
Port-select MSB
14
ID0
Device-select LSB
15
ID1
Device-select MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com