Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 6Page - ASIX Electronics Corporation AX88790L Datasheet HTML 7Page - ASIX Electronics Corporation AX88790L Datasheet HTML 8Page - ASIX Electronics Corporation AX88790L Datasheet HTML 9Page - ASIX Electronics Corporation AX88790L Datasheet HTML 10Page - ASIX Electronics Corporation AX88790L Datasheet HTML 11Page - ASIX Electronics Corporation AX88790L Datasheet HTML 12Page - ASIX Electronics Corporation AX88790L Datasheet HTML 13Page - ASIX Electronics Corporation AX88790L Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
ASIX ELECTRONICS CORPORATION
10
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
Signal Name
Type
Pin No.
Description
MRDY
I/PU
122
Modem Ready: MRDY low indicates that modem is initializing the
modem after reset signal asserted or the modem is at SLEEP/STOP
mode.
MRESET#
O
121
Modem Reset: This signal asserts low to reset the modem chipset.
MDCS#
O/PU
116
Modem Chip Select: This signal connected to modem chip select pin.
MPWDN
O/PU
120
Modem Power Down: Rockwell modem chipset, this signal asserts
low to let modem chipset into power down mode. AT&T modem
chipset, this signal asserts high to let modem chipset into power down
mode.
MINT
I/PD
117
Modem Interrupt: This signal driven by modem chipset to active
interrupt.
MRIN#
I/PU
119
Ring Input: This signal is driven by DAA’s ring detect circuit. When
a telephone-ringing signal is being received.
MAUDIO
I/PU
118
Modem Audio: This signal is passed to PCMCIA interface via SPKR.
Tab - 6 Modem interface signals group
2.7 General Purpose I/O pins group
Signal Name
Type
Pin No.
Description
GPI[2]/SPD
I/PU
113
Read register offset 17h bit 6 value reflects this input value.
GPI[1]/DPX
I/PU
106
Read register offset 17h bit 5 value reflects this input value.
GPI[0]/LINK
I/PU
103
Read register offset 17h bit 4 value reflects this input value.
Tab – 7 General Purposes I/O pins group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com