Electronic Components Datasheet Search
  English  ▼

X  

AX88790L Datasheet(PDF) 45 Page - ASIX Electronics Corporation

Part # AX88790L
Description  10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88790L Datasheet(HTML) 45 Page - ASIX Electronics Corporation

Back Button AX88790L Datasheet HTML 41Page - ASIX Electronics Corporation AX88790L Datasheet HTML 42Page - ASIX Electronics Corporation AX88790L Datasheet HTML 43Page - ASIX Electronics Corporation AX88790L Datasheet HTML 44Page - ASIX Electronics Corporation AX88790L Datasheet HTML 45Page - ASIX Electronics Corporation AX88790L Datasheet HTML 46Page - ASIX Electronics Corporation AX88790L Datasheet HTML 47Page - ASIX Electronics Corporation AX88790L Datasheet HTML 48Page - ASIX Electronics Corporation AX88790L Datasheet HTML 49Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
ASIX ELECTRONICS CORPORATION
45
AX88790 L
3-in-1 PCMCIA Fast Ethernet Controller
6.4.5 I/O Read Timing
A[9:0]
ThA
TsuREG
ThREG
REG#
TsuCE
ThCE
CE#
Tw
IORD#
TsuA
TdrINPACK
INPACK#
TdfINPACK
TdrIOIS16
IOIS16#
TdfIOIS16
Td
Tdr(WT)
WAIT#
TdfWT
Tw(WT)
Th
D[15:0]
DATA Valid
Symbol
Description
Min
Typ.
Max
Units
Td
DATA DELAY AFTER IORD#
-
-
50
ns
Th
DATA HOLD FOLLOWING IORD#
0.5
-
-
ns
Tw
IORD# WIDTH TIME
165
-
-
ns
TsuA
ADDRESS SETUP BEFORE IORD#
70
-
-
ns
ThA
ADDRESS HOLD BEFORE IORD#
20
-
-
ns
TsuCE
CE# SETUP BEFORE IORD#
5
-
-
ns
ThCE
CE# HOLD BEFORE IORD#
20
-
-
ns
TsuREG
REG# SETUP BEFORE IORD#
5
-
-
ns
ThREG
REG# HOLD BEFORE IORD#
0
-
-
ns
TdfINPACK INPACK# DELAY FALLING FROM IORD#
0
-
10
ns
TdrINPACK INPACK# DELAY RISING FROM IORD#
-
-
10
ns
TdfIOIS16
IOIS16# DELAY FALLING FROM ADDRESS*
-
-
10
ns
TdrIOIS16
IOIS16# DELAY RISING FROM ADDRESS*
-
-
0
ns
TdfWT
WAIT# DELAY FALLING FROM IORD#
-
-
5
ns
Tdr(WT)
DATA DELAY FROM WAIT# RISING
-
-
0
us
Tw(WT)
WAIT# WIDTH TIME
-
-
100
ns
* Note : The address includes REG# and CE1# signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com